Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM2-S Datasheet(PDF) 5 Page - CUI INC

Part # PEM2-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM2-S Datasheet(HTML) 5 Page - CUI INC

  PEM2-S Datasheet HTML 1Page - CUI INC PEM2-S Datasheet HTML 2Page - CUI INC PEM2-S Datasheet HTML 3Page - CUI INC PEM2-S Datasheet HTML 4Page - CUI INC PEM2-S Datasheet HTML 5Page - CUI INC PEM2-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PEM2-S │ DESCRIPTION: DC-DC CONVERTER
date 07/13/2021
│ page 5 of 6
Note:
1. Operation under minimum load will not damage the converter; however, they may not meet all specifications listed.
2. Max. capacitive load tested at input voltage range and full load.
3. All specifications measured at: Ta=25°C, humidity<75%, nominal input voltage and rated output load, unless otherwise specified.
1. Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 10% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Overload Protection
Under normal operating conditions, the output circuit of this product has no protection against overload. The simplest method to add
this is to add a circuit breaker to the circuit.
3. Recommended circuit
If you want to further decrease the input/output ripple, you can increase the capacitance accordingly or choose capacitors with low
ESR (see Figure 3 & Table 3). However, the capacitance of the output filter capacitor must be appropriate. If the capacitance is too
high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the maximum capacitance
must be less than the maximum capacitive load (see Table 4).
4. Output Voltage Regulation and Over-voltage Protection Circuit
The device for output voltage regulation, over-voltage and over-current protection is a linear regulator and a capacitor filtering
network with overheat protection, which can be connected to the input or output end in series (see Figure 4). The recommended
capacitance of its filter capacitor (see Table 1), and the linear regulator is based on the actual voltage and current required.
APPLICATION NOTES
Single Vout
(Vdc)
Max. Capacitive Load
(μF)
Dual Vout
(Vdc)
Max. Capacitive Load1
(μF)
5
220
5
100
12
220
12
100
15
220
15
100
24
220
24
100
Figure 3
Figure 4
Table 3
Vin
(Vdc)
Cin
(µF)
Single Vo
(Vdc)
Cout
(µF)
Dual Vo
(Vdc)
Cout
(µF)
5
4.7
5
10
±5
4.7
12
2.2
12
2.2
±12
1
15
2.2
15
1
±15
0.47
24
1
24
1
±24
0.47
Table 4
Note:
1. For each output.
Single Output
Dual Output
Single Output
Dual Output
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com