Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM2-S Datasheet(PDF) 1 Page - CUI INC

Part # PEM2-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM2-S Datasheet(HTML) 1 Page - CUI INC

  PEM2-S Datasheet HTML 1Page - CUI INC PEM2-S Datasheet HTML 2Page - CUI INC PEM2-S Datasheet HTML 3Page - CUI INC PEM2-S Datasheet HTML 4Page - CUI INC PEM2-S Datasheet HTML 5Page - CUI INC PEM2-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 07/13/2021
page 1 of 6
SERIES: PEM2-S
│ DESCRIPTION: DC-DC CONVERTER
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PEM2-S5-S5-S1
5
4.5~5.5
5
40
400
2
75
82
PEM2-S5-S12-S1
5
4.5~5.5
12
17
167
2
75
82
PEM2-S5-S15-S1
5
4.5~5.5
15
13
133
2
75
83
PEM2-S5-S24-S1
5
4.5~5.5
24
8
83
2
75
84
PEM2-S5-D5-S1
5
4.5~5.5
±5
±20
±200
2
75
80
PEM2-S5-D12-S1
5
4.5~5.5
±12
±8
±83
2
75
83
PEM2-S5-D15-S1
5
4.5~5.5
±15
±7
±67
2
75
82
PEM2-S5-D24-S1
5
4.5~5.5
±24
±4
±42
2
75
84
PEM2-S12-S5-S1
12
10.8~13.2
5
40
400
2
75
82
PEM2-S12-S12-S1
12
10.8~13.2
12
17
167
2
75
84
PEM2-S12-S15-S1
12
10.8~13.2
15
13
133
2
75
85
PEM2-S12-D5-S1
12
10.8~13.2
±5
±20
±200
2
75
80
PEM2-S12-D12-S1
12
10.8~13.2
±12
±8
±83
2
75
84
PEM2-S12-D15-S1
12
10.8~13.2
±15
±7
±67
2
75
84
PEM2-S15-S5-S
15
13.5~16.5
5
40
400
2
75
80
PEM2-S15-D15-S
15
13.5~16.5
±15
±7
±67
2
75
84
PEM2-S24-S5-S1
24
21.6~26.4
5
40
400
2
75
80
PEM2-S24-S12-S1
24
21.6~26.4
12
17
167
2
75
84
PEM2-S24-S15-S1
24
21.6~26.4
15
13
133
2
75
86
PEM2-S24-S24-S1
24
21.6~26.4
24
8
83
2
75
86
PEM2-S24-D5-S1
24
21.6~26.4
±5
±20
±200
2
75
80
PEM2-S24-D12-S1
24
21.6~26.4
±12
±8
±83
2
75
84
PEM2-S24-D15-S1
24
21.6~26.4
±15
±7
±67
2
75
84
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
FEATURES
• 2 W isolated output
• smaller package
• single/dual unregulated output
• 3,000 Vdc isolation
• short circuit protection
• extended temperature range (-40~105°C)
• antistatic protection up to 8kV
• high efficiency at light load
• efficiency up to 86%
• EN 62368-1
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PEM2-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEM2-S CUI-PEM2-S Datasheet
563Kb / 6P
DC-DC CONVERTER
PEM2-S12-D12-S CUI-PEM2-S12-D12-S Datasheet
563Kb / 6P
DC-DC CONVERTER
PEM2-S12-D15-D CUI-PEM2-S12-D15-D Datasheet
619Kb / 6P
DC-DC CONVERTER
PEM2-S12-D15-D CUI-PEM2-S12-D15-D Datasheet
1Mb / 6P
DC-DC CONVERTER
07/12/2021
PEM2-S12-D15-S CUI-PEM2-S12-D15-S Datasheet
563Kb / 6P
DC-DC CONVERTER
More results

Similar Description - PEM2-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com