Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3150SW Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3150SW
Description  15.6 Fanless Widescreen Panel PC with Intel짰 Pentium짰 N4200 Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3150SW Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3150SW Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3150SW Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
Part Number
Description
PPC-3150SW-PN4A
15.6" Wide screen PPC with PCT Multi-touch, Intel
Pentium® N4200 Quad-Core
96PSA-A90W19OT-1
Adapter AC100-240V 90W 19V
1700001524
POWER Cord 3P UL 10A 125V 180cm
170203183C
POWER Code 3P Europe (WS-010+083)183 cm
1700008921
POWER CORD 3P/3P POWER SUPPLY 1.8 M PSE
96CB-POWER-B-1.8M Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-WLAN-C1E
Supports 802.11 a/b/g/n/ac and BT4.1 (2T2R)
PPC-HDD-N4200
HDD Bracket module for PPC-3150SW and PPC-3180SW
PPC-3150SW
I/O View
A. Line out
B. COM1: RS-232
C. COM2: RS-232/422/485
D. 2 x LAN
E. HDMI
F. 2 x USB 3.0
G. 2 x USB 2.0
H. DC-In
I. Power Switch
A
C
B
D
F G
E
H I
Panel Cutout Dimensions: 413 x 262 mm (16.25 x 10.31 in)
419.70
410.96
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com