Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3150SW Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3150SW
Description  15.6 Fanless Widescreen Panel PC with Intel짰 Pentium짰 N4200 Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3150SW Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3150SW Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3150SW Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3150SW
15.6" Fanless Widescreen Panel PC with
Intel® Pentium® N4200 Quad-Core
Processor
ƒ 15.6" true-flat WXGA TFT LCD with projected capacitive touch control
ƒ Fanless design with low power consumption
ƒ Supports 1 x internal 2.5" SATA HDD and 1 x mSATA
ƒ Configurable RS-232/422/485 ports via BIOS
ƒ Automatic data flow control over RS-485
ƒ Wide range DC support (12 ~ 24 VDC)
ƒ Supports dual displays
ƒ IP65-rated front panel
Introduction
The PPC-3150SW is a high-value, ultra-slim panel PC equipped with a 15.6" WXGA TFT LCD, and low-power Intel® Pentium® N4200 quad-core, 1.1 GHz, processor to provide high-
performance computing in a compact and fanless system. For high durability and functionality, the PPC-3150SW features an IP65-rated front panel, multi-touch projected capacitive
touchscreen, die cast aluminum alloy enclosure, two serial ports, four USB ports, and two GbE LAN ports, making it suitable for diverse industrial applications.
Specifications
System
CPU
Intel® Pentium® N4200 quad core
Frequency
1.1GHz, turbo boot to 2.5GHz.
L2 Cache
3 MB
Memory
1 x SODIMM, DDR3L 1600/1866, max. 8 GB
Storage
1 x 2.5" SATA bay (optional; requires a bracket module for installation)
1 x mSATA bay
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT)
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485
2 x USB 3.0, 2 x USB 2.0
1 x Line-out
1 x HDMI
Expansion
1 x Mini PCIe
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical
Characteristics
Dimensions
419.7 x 269 x 58.6 mm (16.52 x 10.59 x 2.3 in)
Weight
4.7 kg (10.36 lb)
OS Support
OS Support
Microsoft® Windows 10 (64-bit), Linux, Android
Power Comsumption
Input Voltage
12 ~ 24 VDC
Power Consumption
33W
LCD
Display Type
15.6" TFT LCD (LED backlight)
Max. Resolution
1366 x 768
Viewing Angle
85 (Left), 85 (Right), 80 (Up), 80 (Down)
Luminance (cd/m2)
400
Contrast Ratio
500
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
Multi-touch projected capacitive
Light Transmission
90% ± 2%
Controller
USB Interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with SSD
0 ~ 40 °C (32 ~ 104 °F) with HDD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (Non-Condensing)
Shock
Operating 10 G Peak Acceleration (11 ms Duration), Follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms @with HDD; 2Grms @with SSD, Follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CE, UL, CCC, BSMI
Front Panel Protection
IP65 compliant
All product specifications are subject to change without notice.
Last updated: 22-May-2019


Similar Part No. - PPC-3150SW

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3150SW-MART ADVANTECH-PPC-3150SW-MART Datasheet
504Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
More results

Similar Description - PPC-3150SW

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
GSR Technology Ltd
GSR-152PW GSR-GSR-152PW Datasheet
572Kb / 2P
15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
GSR-Z103PW GSR-GSR-Z103PW Datasheet
539Kb / 2P
10.1??Fanless Multi-touch IP66/69K Full Waterproof Panel PC with Intel짰 Apollo Lake Pentium짰 N4200 Processor
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3151 ADVANTECH-PPC-3151 Datasheet
625Kb / 2P
15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
27-Jun-2018
PPC-324W-PN4 ADVANTECH-PPC-324W-PN4 Datasheet
438Kb / 2P
23.8 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
PPC-3180SW ADVANTECH-PPC-3180SW Datasheet
410Kb / 2P
18.5 Fanless Widescreen Panel PC with Intel® Pentium® N4200 Quad-Core Processor
1-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com