Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8183 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8183
http://onsemi.com
2
Current Limit &
VSAT Sense
+
−
ENABLE
+
−
Independent
Thermal
Shutdown
2.0 V
Current Limit &
VSAT Sense
+
−
ENABLE
+
−
Independent
Thermal
Shutdown
2.0 V
VOUT1
Adj1
VREF/ENABLE1
VOUT2
GND
Adj2
VREF/ENABLE2
VIN1
VIN2
Figure 1. Block Diagram
PACKAGE PIN DESCRIPTION
Package Lead Number
SO−20L
Lead Symbol
Function
1
VIN1
Input voltage for VOUT1.
2
VOUT1
Regulated output voltage 1.
3, 4, 7, 8, 13, 14, 17, 18
NC
No connection.
5, 6, 15, 16
GND
Ground (4 leads fused)
9
VADJ1
Adjust lead for VOUT1.
10
VREF/ENABLE1
Reference voltage and ENABLE input for VOUT1.
11
VADJ2
Adjust lead for VOUT2.
12
VREF/ENABLE2
Reference voltage and ENABLE input for VOUT2.
19
VIN2
Input voltage for VOUT2.
20
VOUT2
Regulated output voltage 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com