Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8183 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8183
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature
−65 to 150
°C
Supply Voltage Range (continuous)
15 to 45
V
Supply Voltage Range (normal, continuous)
3.4 to 45
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 31 V)
45
V
Voltage Range (Adj, VREF/ENABLE, VOUT)
−10 to 45
V
Maximum Junction Temperature
150
°C
Package Thermal Resistance:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
18
73
°C/W
°C/W
ESD Capability (Human Body Model)
(Machine Model)
2.0
200
kV
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
240 peak
(Note 2)
°C
1. 60 second maximum above 183
°C.
2. −5
°C/+0°C allowable conditions.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C ≤ TJ ≤ +125°C; COUT ≥ 10 µF;
0.1
Ω < COUT − ESR < 1.0 Ω @ 10 kHz; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Regular Output 1, 2
VREF − VOUT
VOUT Tracking Error
4.5 V
≤ VIN ≤ 26 V, 100 µA ≤ IOUT ≤ 200 mA, Note 3
−10
−
10
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 µA
IOUT = 200 mA
−
−
100
350
150
600
mV
mV
Line Regulation
4.5 V
≤ VIN ≤ 26 V, Note 3
−
−
10
mV
Load Regulation
100
µA ≤ IOUT ≤ 200 mA, Note 3
−
−
10
mV
Adj Lead Current
Loop in Regulation
−
0.2
1.0
µA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, Note 3
225
−
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 µA
VIN = 12 V, VREF/ENABLE = 0 V
−
−
−
15
75
30
25
150
55
mA
µA
µA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V
≤ VIN ≤ 26 V
60
−
−
dB
Thermal Shutdown
−
150
180
210
°C
VREF/ENABLE 1, 2
Enable Voltage
−
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE 1, 2 > 2.0 V
−
0.2
1.0
µA
3. VOUT connected to Adj lead.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com