Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC89C54 Datasheet(PDF) 21 Page - Integrated Circuit Solution Inc

Part # IC89C54
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89C54 Datasheet(HTML) 21 Page - Integrated Circuit Solution Inc

Back Button IC89C54 Datasheet HTML 16Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 17Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 18Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 19Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 20Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 21Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 22Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 23Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 24Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
IC89C54/58/64
Integrated Circuit Solution Inc.
21
MC009-0B
Figure 16. Programming Timing
P3[7:6]
P2[7:6]
P3.5
VPP
tCVPL
tBLCX
tPLBL
tBLBH
tSHPL
tBHSL
tBLAX
tCQCV
tSLCV
tCXQX
0CH/0DH(2)
0EH(1)
P3[3:2]
P2[5:0]
P1[7:0]
PROG
P0[7-0]
P3.4(BUSY)
tAVPL
tPLTL
tBLTH
tBLDX
tAVQV
tAXQX
Valid Address(3)
Valid Address(3)
tBLPH
tDVPL
Valid Data(4)
Valid Data
1. 0EH is for code memory programming. In lock bits programming, 0FH, 03H, 05H, respect to lock bits
1, 2, 3.
2. 0CH is for code memory verification and 0DH is for concurrent memory verification. 09H is for Lock
bits verification.
3. Address don’t care while lock bits’ programming or verification.
4. Data don’t care while lock bits’ programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com