Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC89C54 Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC89C54
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89C54 Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC89C54 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89C54 Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
IC89C54/58/64
Integrated Circuit Solution Inc.
7
MC009-0B
OPERATION DESCRIPTPION
The detail desription of the IC89C54/58/64 included
in this desription are:
• Memory Map and Registers
• Flash Memory
Other informations refer to IC80C52/32 data sheet except
flash memory.
Main Flash
RAM Size
IC89C54 16K Bytes : [0H~3FFFH] 256 Bytes : [ 0-FFH]
IC89C58 32K Bytes : [0H~7FFFH] 256 Bytes : [ 0-FFH]
IC89C64 64K Bytes : [0H~FFFFH] 256 Bytes : [ 0-FFH]
MEMORY MAP AND REGISTERS
Table 1 shows program memory and data memory
size versus three products. The IC89C54/58/64 series
includes a standard IC80C32 and a 16K/32K/64K Flash
Memory. The program memory and data memory access
ranges are listed table 2.
Table 2. Program memory and Data memory sizes
FLASH MEMORY PROGRAMMING
The Flash architecture of IC89C54/58/64 is shown in Figure 5. IC89C54/58 include block 1 and lock bits block.
The signature bytes are fixed value reside in MCU, they are read only. Block 2 resides in IC89C64 only.
Figure 5. The Flash Architecture of IC89C54/58/64
IC89C54
3 Lock Bits Falsh Cell
Dummy Address
3FFFH
0000H
0032H
0030H
7FFFH
0000H
0032H
0030H
EFFFH
0000H
0032H
0030H
FFFFH
F000H
16K Flash
(Block 1)
3x8 bits
Signature Bytes
Dummy Address
32K Flash
(Block 1)
3x8 bits
Signature Bytes
60K Flash
(Block 1)
4K Flash
(Block 2)
3x8 bits
Signature Bytes
3 Lock Bits Falsh Cell
3 Lock Bits Falsh Cell
IC89C58
IC89C64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com