Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB3-D Datasheet(PDF) 4 Page - CUI INC

Part # PVB3-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PVB3-D Datasheet(HTML) 4 Page - CUI INC

  PVB3-D Datasheet HTML 1Page - CUI INC PVB3-D Datasheet HTML 2Page - CUI INC PVB3-D Datasheet HTML 3Page - CUI INC PVB3-D Datasheet HTML 4Page - CUI INC PVB3-D Datasheet HTML 5Page - CUI INC PVB3-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PVB3-D │ DESCRIPTION: DC-DC CONVERTER
date 07/20/2021
│ page 4 of 6
DERATING CURVES
EMC RECOMMENDED CIRCUIT
Recommended external circuit components
Vin (Vdc)
5
12
24
48
FUSE
choose according to practical input current
MOV
--
S14K25
S14K35
S14K60
C0
1000μF
1000μF
330μF/50V
330μF/100V
C1
4.7μF/50V
4.7μF/50V
4.7μF/50V
4.7μF/100V
LDM1
12μH
12μH
12μH
12μH
C2
4.7μF/50V
4.7μF/50V
4.7μF/50V
4.7μF/100V
C3
10μF
10μF
10μF
10μF
CY1
1nF/3kV
1nF/3kV
1nF/3kV
1nF/3kV
Figure 1
Table 1
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com