Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB3-D Datasheet(PDF) 1 Page - CUI INC

Part # PVB3-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PVB3-D Datasheet(HTML) 1 Page - CUI INC

  PVB3-D Datasheet HTML 1Page - CUI INC PVB3-D Datasheet HTML 2Page - CUI INC PVB3-D Datasheet HTML 3Page - CUI INC PVB3-D Datasheet HTML 4Page - CUI INC PVB3-D Datasheet HTML 5Page - CUI INC PVB3-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 07/20/2021
page 1 of 6
SERIES: PVB3-D
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• 3 W isolated output
• smaller package
• single/dual regulated output
• 3,000 Vdc isolation
• short circuit protection
• temperature range (-40~105°C)
• high efficiency at light load
• efficiency up to 86%
• EN 62368-1
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PVB3-D5-S5-D
5
4.5~9
5
30
600
3
80
74
PVB3-D5-S12-D
5
4.5~9
12
12
250
3
80
77
PVB3-D5-S15-D
5
4.5~9
15
10
200
3
80
77
PVB3-D5-D5-D
5
4.5~9
±5
±15
±300
3
80
76
PVB3-D5-D12-D
5
4.5~9
±12
±6
±125
3
80
78
PVB3-D5-D15-D
5
4.5~9
±15
±5
±100
3
80
78
PVB3-D12-S3-D
12
9~18
3.3
46
909
3
80
74
PVB3-D12-S5-D
12
9~18
5
30
600
3
80
81
PVB3-D12-S12-D
12
9~18
12
12
250
3
80
83
PVB3-D12-S15-D
12
9~18
15
10
200
3
80
82
PVB3-D12-S24-D
12
9~18
24
6
125
3
80
83
PVB3-D12-D5-D
12
9~18
±5
±15
±300
3
80
81
PVB3-D12-D9-D
12
9~18
±9
±8
±166
3
80
84
PVB3-D12-D12-D
12
9~18
±12
±6
±125
3
80
84
PVB3-D12-D15-D
12
9~18
±15
±5
±100
3
80
85
PVB3-D24-S3-D
24
18~36
3.3
46
909
3
80
78
PVB3-D24-S5-D1
24
18~36
5
30
600
3
80
81
PVB3-D24-S12-D
24
18~36
12
12
250
3
80
86
PVB3-D24-S15-D
24
18~36
15
10
200
3
80
86
PVB3-D24-S24-D
24
18~36
24
6
125
3
80
85
PVB3-D24-D5-D
24
18~36
±5
±15
±300
3
80
82
PVB3-D24-D12-D
24
18~36
±12
±6
±125
3
80
84
PVB3-D24-D15-D
24
18~36
±15
±5
±100
3
80
84
PVB3-D48-S5-D
48
36~75
5
30
600
3
80
82
PVB3-D48-S12-D
48
36~75
12
12
250
3
80
86
PVB3-D48-S15-D
48
36~75
15
10
200
3
80
86
PVB3-D48-D3-D
48
36~75
±3.3
±22
±455
3
80
76
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PVB3-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PVB3-D CUI-PVB3-D Datasheet
438Kb / 6P
DC-DC CONVERTER
More results

Similar Description - PVB3-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com