Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI5-E-USB Datasheet(PDF) 2 Page - CUI INC

Part # SWI5-E-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI5-E-USB Datasheet(HTML) 2 Page - CUI INC

  SWI5-E-USB Datasheet HTML 1Page - CUI INC SWI5-E-USB Datasheet HTML 2Page - CUI INC SWI5-E-USB Datasheet HTML 3Page - CUI INC SWI5-E-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 12/09/2020
│ page 2 of 4
CUI Inc
│ SERIES: SWI5-E-USB │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.2
A
leakage current
0.02
mA
no load power consumption
at 115/230 Vac, 50/60 Hz
Level VI
CoC Tier 2
0.075
0.075
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±5
%
load regulation
±5
%
start-up time
3
s
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
10
Vdc
over current protection
auto recovery
1.5
A
short circuit protection
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vac
Vdc
safety approvals
62368: EN
EMI/EMC
CE
MTBF
as per Telcordia SR-332, Issue 2, at 115/230 Vac,
full load, 0~40°C
50,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
60
°C
operating humidity
non-condensing
20
85
%
storage humidity
non-condensing
5
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com