Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI5-E-USB Datasheet(PDF) 1 Page - CUI INC

Part # SWI5-E-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI5-E-USB Datasheet(HTML) 1 Page - CUI INC

  SWI5-E-USB Datasheet HTML 1Page - CUI INC SWI5-E-USB Datasheet HTML 2Page - CUI INC SWI5-E-USB Datasheet HTML 3Page - CUI INC SWI5-E-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 12/09/2020
page 1 of 4
SERIES: SWI5-E-USB
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• 5 W power
• DoE Level VI, CoC Tier 2 efficiency
• universal input (90~264 Vac)
• single regulated 5 Vdc output
• over voltage, over current, and short circuit protections
• IEC 62368 compliant
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI5 - 5 - E - I38 - CXX
USB Type A Inlet
Output Voltage
AC Input Type:
Europe
MODEL
input
voltage
input
frequency
output
voltage
output
current
output
power
ripple
and
noise1
efficiency
level2
no load power
consumption
range
(Vac)
range
(Hz)
nom
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
average3
(%)
10%
(%)
typ
(W)
SWI5-5-E-I38
90 ~ 264
47 ~ 63
5
1
5
300
75.0
66.6
0.05
Notes:
1. At full load, nominal AC input voltage, 25°C, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF and 10 µF capacitors to ground.
2. CoC Tier 2 compliant.
3. Average efficiency is measured at 25%, 50%, 75%, and 100% load.
Additional Resources: Product Page | 3D Model


Similar Part No. - SWI5-E-USB

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI5-E-USB CUI-SWI5-E-USB Datasheet
748Kb / 4P
5 W power
More results

Similar Description - SWI5-E-USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com