Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCXXXCS Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # KCXXXCS
Description  KCXXXCS Series 10KA Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KCXXXCS Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  KCXXXCS Datasheet HTML 1Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 2Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 3Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 4Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KCXXXCS Series 10KA Transient Voltage Suppressor
Revision In November 26, 2020
2 / 5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KCXXXCS Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
VR
VBR@IT
IT
IR@VR
VC@IPP
①
IPP
Bi-Polar
V
Min(V)
Max(V)
mA
μA
V
A
KC-036CS
36
39
46
10
10
98
10000
KC-058CS
58
64
70
10
10
110
10000
KC-066CS
66
72
80
10
10
120
10000
KC-076CS
76
85
95
10
10
140
10000
1
Surge waveform:8/20μs
VR: Stand-off voltage -- Maximum voltage that can be applied
VBR: Breakdown voltage
VC: Clamping voltage -- Peak voltage measured across the suppressor at a specified IPP
IR: Reverse leakage current
Electrical Characteistics(TA=25℃)
Ratings And V-ICharacteristics (TA= 25℃nless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com