Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCXXXCS Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # KCXXXCS
Description  KCXXXCS Series 10KA Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KCXXXCS Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  KCXXXCS Datasheet HTML 1Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 2Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 3Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 4Page - Socay Electornics Co., Ltd. KCXXXCS Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KCXXXCS Series 10KA Transient Voltage Suppressor
Revision In November 26, 2020
3 / 5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KCXXXCS Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Reflow Condition
Pb-Free assembly
(see figure at right)
Pre
Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max(Ts(max))
+200℃
-Time (Min to Max) (ts)
60-180 secs.
Average ramp up rate (Liquidus Temp
(TL)to peak)
3℃/sec. Max
Ts(max) to TL - Ramp-up Rate
3℃/sec. Max
Reflow
-Temperature(TL)(Liquidus)
+217℃
-Temperature(tL)
60-150 secs.
Peak Temp (Tp)
+260(+0/-5)℃
Time within 5℃of actual Peak Temp (tp)
20-40secs.
Ramp-down Rate
6℃/sec. Max
Time 25℃to Peak Temp (TP)
8 min. Max
Do not exceed
+260℃
Soldering Parameters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com