Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3085
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP3085 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP3085 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Block diagram
Pin description
Pins
Symbol
Function
attribute
1
RO
Receiver output:
IF A-B ≥-0.05V, RO is high;
IF A-B ≤-0.2V, RO is low;
IF A and B are dangling or short, RO is also high.
O
2
RE
Receiver output enable:
WHEN
RE is low, RO is enabled;
When RE is high, RO is at high impedance.
I
3
DE
Driver output enable:
Enable DE higher, the output of the driver,
Y and Z, are enabled; they are at high
impedance when DE are low.
I
4
DI
Driver input:
DI is low, A is low, B is high;
DI is high, A is high, B is low;
I
5
GND
Earth
6
A
The input of the receiver and the output of the driver.
I/O
7
B
The input of the receiver and the output of the driver.
I/O
8
VDD
Power supply
SP3085
www.leiditech.com
Rev 1.6 :01.01.2022
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com