Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3085 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3085
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP3085 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SP3085 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP3085 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Transmission characteristics
Unless otherwise specified, V DD = 5V 5% and Tamb = 25 °C
Features slope limiting
Drive input to
Output
tDPLH
RDIFF=50Ω,
CL1=CL2=100pF(3)(6)
250
720
1000
ns
Drive input to
Output
tDPHL
RDIFF=50Ω,
CL1=CL2=100pF(3)(6)
250
720
1000
ns
|tDPLH-tDPHL|
tDSKEW
-3
±100
ns
Drive up and down
Time
tDR,tDF
200
530
750
ns
Maximum data
transfer rate
fMAX
500
kbps
Drive enable delay
tDZH
CL=100pF,S2 CLOSED(4)(7)
2500
ns
Drive enable delay
tDZL
CL=100pF,S1 CLOSED(4)(7)
2500
ns
Drive shutdown
delay
tDLZ
CL=15pF,S1 CLOSED(4)(7)
100
ns
Drive shutdown
delay
tDHZ
CL=15pF,S2 CLOSED(4)(7)
100
ns
Receiver input and
output
Delay
tRPLH
| VID|≥2.0V
Rise and fall time ≤ 15ns(5)(8)
127
200
ns
Receiver input
and output Delay
tRPHL
127
200
ns
|tRPLH-tRPHL|
tRSKD
3
±30
ns
Receiver enable
delay
tRZL
CL=100pF,S1 CLOSED(2)(9)
20
50
ns
Receiver enable
delay
tRZH
CL=100pF,S2 CLOSED(2)(9)
20
50
ns
Receiver shutdown
delay
tRLZ
CL=100pF,S1 CLOSED(2)(9)
20
50
ns
Receiver shutdown
delay
tRHZ
CL=100pF,S2 CLOSED(2)(9)
20
50
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
SP3085
www.leiditech.com
Rev 1.6 :01.01.2022
5/10
RDIFF=50Ω,
CL1=CL2=100pF(3)(6)
RDIFF=50Ω,
CL1=CL2=100pF(3)(6)
| VID|≥2.0V
Rise and fall time ≤ 15ns(5)(8)
Note:
(1) The test circuit is shown in Figure 1
(2) The test line is shown in Figure 2
(3) The test circuit is shown in Figure 3
(4) The test circuit is shown in Figure 4
(5) The test line is shown in Figure 5
(6) The test line is shown in Figure 6
(7) The test circuit is shown in Figure 7
(8) The test circuit is shown in Figure 8
(9) The test line is shown in Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com