Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM6050AL Datasheet(PDF) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ASM6050AL
Description  The ASM6050 is a voltage regulator with high withstand voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ASM6050AL Datasheet(HTML) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button ASM6050AL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev 12.20.2021
9/10
www.leiditech.com
ASM6050
10. Application circuit
*1 CIN is a capacitor used to stabilize the input, using a capacitor greater than or equal to 0.1uF.
*2. CL uses capacitors with rms greater than or equal to 0.1uF. Most capacitors vary greatly with
temperature and DC bias voltage, such as the capacitance of Murata model GRM033R61C105ME15, which
drops at 5V DC bias 40%, 90% lower capacity value at 16V! To ensure loop stability, it is necessary
that the rms value of CL be greater than or equal to 0.1uF under any conditions, so CIN and CL both
use capacitors greater than or equal to 4.7uF, and the capacitors CIN and CL are in Place the PCB as
close to the chip pins as possible.
11. Application Notes
11.1 Basic work
Figure 9.1 shows a block diagram of the AM6050 series.
The output voltage is divided by feedback resistors (Rs and Rf) to produce a feedback voltage (Vfb) and a
reference voltage ( Vref) is compared via an error amplifier. This error amplifier provides the output
transistor with the necessary gate voltage so that the output voltage is not affected by input voltage
or temperature changes and can be maintained.
Figuer 9.1
11.2 Output transistor
The LDO output transistors of the ASM6050 series use low on-state resistance P-channel MOSFET transistors.
In the construction of transistors, due to the presence of parasitic diodes between the VIN terminals - VOUT
terminals, when the potential of VOUT is higher than VIN, it is possible to cause reverse currents
The IC is destroyed. Therefore, be careful not to exceed VOUT by VIN+0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com