Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM6050AL Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ASM6050AL
Description  The ASM6050 is a voltage regulator with high withstand voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ASM6050AL Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button ASM6050AL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd ASM6050AL Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Rev 12.20.2021
10/10
www.leiditech.com
ASM6050
11.3 ON/OFF terminal, fast discharge function at OFF
Start and stop the work of the regulator: After setting the ON/OFF terminal to a high potential, all
internal circuitry work is stopped, and the built-in P-channel MOSFET between the VIN terminal and the VOUT
terminal is closed The output transistor can greatly control the current consumption.
In IC models with fast discharge function at OFF, when switching from ON to OFF, the output capacitor
is quickly discharged by a 120 ohm resistor inside the chip to achieve rapid output voltage change 0V
function.
12. Package size
12.1 TO-252-5 package size
12.2
SOT-223 package size
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Phone : +86- 021 50828806
Fax : +86- 021 50477059



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com