Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGS-75C Datasheet(PDF) 1 Page - CUI INC

Part # VGS-75C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-75C Datasheet(HTML) 1 Page - CUI INC

  VGS-75C Datasheet HTML 1Page - CUI INC VGS-75C Datasheet HTML 2Page - CUI INC VGS-75C Datasheet HTML 3Page - CUI INC VGS-75C Datasheet HTML 4Page - CUI INC VGS-75C Datasheet HTML 5Page - CUI INC VGS-75C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 09/28/2020
page 1 of 6
SERIES: VGS-75C
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VGS-75C-5
5
14.0
70.0
100
86.0
VGS-75C-12
12
6.0
72.0
120
88.0
VGS-75C-15
15
5.0
75.0
120
88.0
VGS-75C-24
24
3.2
76.8
150
90.0
VGS-75C-36
36
2.1
75.6
200
90.0
VGS-75C-48
48
1.6
76.8
200
91.5
Notes:
1. Ripple & noise are measured at 20 MHz BW with 47 µF aluminum electrolytic capacitor and 0.1 µF ceramic capacitor on the output.
2. Measured at 230 Vac
PART NUMBER KEY
Base Number
VGS-75C - XX - X
Output Voltage
A - with terminal cover
B - with conformal coating
FEATURES
• universal input range (85 ~ 264 VAC)
• UL/EN/IEC 62368 certified
• designed to meet IEC/EN 61558, IEC/EN 60335, and GB4943 system requirements
• short-circuit, over-current, over-voltage protections
• CISPR/EN55032 Class B radiated/conducted emissions
• output adjustable via trimpot +/- 10%
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-75C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-75 CUI-VGS-75 Datasheet
169Kb / 5P
AC-DC POWER SUPPLY
VGS-75 CUI-VGS-75 Datasheet
406Kb / 5P
AC-DC POWER SUPPLY
06/07/2016
VGS-75-12 CUI-VGS-75-12 Datasheet
169Kb / 5P
AC-DC POWER SUPPLY
VGS-75-12 CUI-VGS-75-12 Datasheet
406Kb / 5P
AC-DC POWER SUPPLY
06/07/2016
VGS-75-15 CUI-VGS-75-15 Datasheet
169Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VGS-75C

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-20D CUI-PSK-20D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-600 CUI-VGS-600 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
09/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com