Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHB100W Datasheet(PDF) 3 Page - CUI INC

Part # VHB100W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB100W Datasheet(HTML) 3 Page - CUI INC

  VHB100W Datasheet HTML 1Page - CUI INC VHB100W Datasheet HTML 2Page - CUI INC VHB100W Datasheet HTML 3Page - CUI INC VHB100W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHB100W │ DESCRIPTION: DC-DC CONVERTER
date 04/01/2013
│ page 3 of 4
BOTTOM VIEW
8
9
7
2
1
3
4
6
M3X0.5 THROUGH
(4 PLCS)
5
1.898
48.20
0.5
0.5 (2 PLCS)
2.000
2.280
57.90
0.5
2.402
61.00
0.5
(2 PLCS)
0.600
15.24
50.80
35.56 1.400
(2 PLCS)
(2 PLCS)
2.03 0.080
0.181
0.040
(7 PLCS)
0.500
0.5
12.70
4.60
1.02
R1.50 0.059
(2 PLCS)
MECHANICAL DRAWING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
57.9 x 61.0 x 12.7 (2.28 x 2.40 x 0.5 inch)
mm
case material
aluminum
weight
95
g
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
On/Off
3
CASE
4
-Vin
5
-Vo
6
-S
7
TRIM
8
+S
9
+Vo
units: mm [inches]
tolerance: ±0.25mm [±0.01 inches]
Note:
All specifications measured at 25°C, nominal input voltage, and full load unless otherwise noted.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com