Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHB100W Datasheet(PDF) 1 Page - CUI INC

Part # VHB100W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB100W Datasheet(HTML) 1 Page - CUI INC

  VHB100W Datasheet HTML 1Page - CUI INC VHB100W Datasheet HTML 2Page - CUI INC VHB100W Datasheet HTML 3Page - CUI INC VHB100W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 04/01/2013
page 1 of 4
SERIES: VHB100W
│ DESCRIPTION: DC-DC CONVERTER
date 04/01/2013
page 1 of 4
FEATURES
• up to 100 W isolated output
• industry standard half brick package
• 4:1 input range (9~36 V, 18~75 V)
• single output from 3.3~48 V
• 1,500 V isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• efficiency up to 89%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VHB100W-Q24-S3R3
9 ~ 36
3.3
20
66
100
81.5
VHB100W-Q24-S5
9 ~ 36
5
20
100
100
83.5
VHB100W-Q24-S12
9 ~ 36
12
8.3
100
150
85
VHB100W-Q24-S15
9 ~ 36
15
6.7
100
150
86.5
VHB100W-Q24-S24
9 ~ 36
24
4.17
100
240
86
VHB100W-Q24-S28
9 ~ 36
28
3.57
100
280
86
VHB100W-Q24-S48
9 ~ 36
48
2.08
100
480
85
VHB100W-Q48-S3R3
18 ~ 75
3.3
20
66
100
80.5
VHB100W-Q48-S5
18 ~ 75
5
20
100
100
86
VHB100W-Q48-S12
18 ~ 75
12
8.3
100
150
86.5
VHB100W-Q48-S15
18 ~ 75
15
6.7
100
150
87.5
VHB100W-Q48-S24
18 ~ 75
24
4.17
100
240
88
VHB100W-Q48-S28
18 ~ 75
28
3.57
100
280
88
VHB100W-Q48-S48
18 ~ 75
48
2.08
100
480
88
Notes:
1. ripple and noise are measured at 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output
VHB100W - QXX - SXX X
Input Voltage
Output Voltage
Base Number
Remote On/Off Control
"blank" = positive logic
N = negative logic
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - VHB100W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB100W CUI-VHB100W Datasheet
506Kb / 4P
DC-DC Converter
VHB100W-Q24-S12 CUI-VHB100W-Q24-S12 Datasheet
506Kb / 4P
DC-DC Converter
More results

Similar Description - VHB100W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com