Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4239 Datasheet(PDF) 16 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices LT4239 Datasheet HTML 15Page - Analog Devices LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices LT4239 Datasheet HTML 19Page - Analog Devices LT4239 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT4239
16
Rev. 0
For more information www.analog.com
Design Example
As a design example, consider the following specifica-
tions: VIN = 12V, ILOAD(MAX) = 100A, CLOAD = 10mF and
VUV = 9.7V, using a trickle MOSFET with current limit set
at 50mV for start-up and a group of parallel MOSFETs
with current limit set at 10mV for load current conduction
(see Figure 1).
First, select the appropriate value of the current sense
resistors RS1 and RS2. Calculate RS2 value based on the
maximum load current ILOAD(MAX) and the lower limit for
the circuit breaker trip threshold ∆VSENSE2(CB)(MIN) (see
Equation 2).
RS2 =
∆VSENSE2(CB)(MIN)
ILOAD(MAX)
=
9.5mV
100A
= 0.095mΩ
(2)
As the sense resistor value is very low, several larger value
sense resistors are connected in parallel to improve the
sensing accuracy and keep the power dissipation within
limits. In this design, 12 parallel sense resistors of 1mΩ
value with 1% tolerance are used for RS2.
To achieve the specific resistance with the parallel sense
resistors, the averaging resistors, RA, should be selected
with the same ratio, k, as the sense resistors they con-
nect to. See Figure 5. This allows the current limit circuit
to measure the correct sense voltage for this effective
sense resistor. The smallest averaging resistor should not
exceed 1Ω.
RA
SENSE2
OUTK
OUT
OUT
RSENSE2A
RS
k • RS
RSENSE2B
RA
k • RA
k • RA
4239 F05
Figure 5. Weighted Averaging Sense Voltages
Next, calculate the RS1 value based on the inrush current
IINRUSH and the lower limit for the current limit threshold
∆VSENSE1(ACL)(MIN). The inrush current is set to 4A to fully
charge 10mF of CLOAD to 12V in 30ms. A capacitor, CG1,
is added to the gate of M1 to achieve the inrush current
(Equation 3).
CG1 =
CLOAD •IGATE1(UP)
IINRUSH
=
10mF • 10µA
4A
= 25nF
(3)
Choose a practical value of 33nF with 10% tolerance for
CG1 (Equation 4).
RS1 =
∆VSENSE1(ACL)(MIN)
IINRUSH
=
45mV
4A
= 11mΩ
(4)
Choose a 10mΩ sense resistor with 1% tolerance for RS1.
The MOSFET M1 is selected to handle the power dissi-
pation during inrush when load capacitor CLOAD is being
charged at power up. The method to determine the power
dissipation is based on the principle that the energy dis-
sipated in the MOSFET is the same as the energy stored
in the load capacitor, and is given by Equation 5.
ECL =
1
2
CLOADVIN2 =
1
2
(10mF)(12V)2
= 0.72J
(5)
Calculate the time it takes to charge CLOAD (Equation 6).
tCHARGE =
CLOAD • VIN
IINRUSH
=
10mF • 12V
4A
= 30ms
(6)
Use Equation 7 to calculate the average power dissipated
in the MOSFET M1.
PDISS =
ECL
tCHARGE
=
0.72J
30ms
= 24W
(7)
The SOA (Safe Operating Area) curves of the selected
MOSFET must be evaluated to ensure that the thermal
capacity of the package tolerates 24W for 30ms. The SOA
curve of the PSMN6R1-30YLD shows 30W (3A at 10V)
for 100ms, satisfying this requirement.
If the circuit starts up into an output-short, the short-circuit
current will be limited for 100µs before the fault is latched-
off. Use Equation 8 to calculate the maximum short-circuit
current using the maximum active current limit threshold,
∆VSENSE1(ACL)(MAX) and minimum RS1 value.
ISHORT1(MAX) =
∆VSENSE1(ACL)(MAX)
RS1(MIN)
=
55mV
9.9mΩ
= 5.6A (8)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com