Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4239 Datasheet(PDF) 20 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices LT4239 Datasheet HTML 19Page - Analog Devices LT4239 Datasheet HTML 20Page - Analog Devices LT4239 Datasheet HTML 21Page - Analog Devices LT4239 Datasheet HTML 22Page - Analog Devices LT4239 Datasheet HTML 23Page - Analog Devices LT4239 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT4239
20
Rev. 0
For more information www.analog.com
M1
M2 ×4
RDRAIN
100k
C1
1µF
RS1
10m
CG1
33nF
RG1
1k
CST
2.2µF
R1
2k
R4
10
×4
R3
10
RVCC
1k
R2
13.7k
CLOAD
10mF
SENSE1
SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
FLT
LT4239
GND
IBOOST
IMON
12V
100A
VCC
+
C2
0.1µF
CFT
47nF
4239 F08
ADC
Z1: SMCJ33A
M2: PSMNR60-25YLH
M1: PSMN6R1-30YLD
R5
10k
POWER GOOD
Z1
12V
GND
BACKPLANE PLUG-IN
BOARD
RS2
0.08m
Figure 8. 12V, 100A Application with Auto-Retry After a Fault
M1
M2 ×4
RDRAIN
100k
C1
1µF
RS1
10m
CG1
33nF
RG1
1k
CST
2.2µF
R1
2k
R4
10
×4
R3
10
RVCC
1k
R2
13.7k
CLOAD
10mF
SENSE1
SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
LT4239
GND
IBOOST
IMON
12V
50A
VCC
+
C2
0.1µF
CFT
47nF
4239 F09
ADC
Z1: SMCJ33A
M2: PSMNR60-25YLH
M1: PSMN6R1-30YLD
R5
10k
POWER GOOD
Z1
12V
GND
BACKPLANE PLUG-IN
BOARD
RS2
0.16m
FLT
12V
R6
10k
100A
50A
Figure 9. 12V, 50A Application with IBOOST Pin Control
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com