Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISA01DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISA01DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA01DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISA01DN Datasheet HTML 1Page - Vishay Siliconix SISA01DN Datasheet HTML 2Page - Vishay Siliconix SISA01DN Datasheet HTML 3Page - Vishay Siliconix SISA01DN Datasheet HTML 4Page - Vishay Siliconix SISA01DN Datasheet HTML 5Page - Vishay Siliconix SISA01DN Datasheet HTML 6Page - Vishay Siliconix SISA01DN Datasheet HTML 7Page - Vishay Siliconix SISA01DN Datasheet HTML 8Page - Vishay Siliconix SISA01DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiSA01DN
www.vishay.com
Vishay Siliconix
S17-1370-Rev. A, 04-Sep-17
1
Document Number: 76198
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV p-channel power MOSFET
• Provides exceptionally low RDS(ON) in a compact
package that is thermally enhanced
• Enables higher power density
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Battery management in mobile devices
• Adapter and charger switch
• Battery switch
•Load switch
Notes
a. Package limited
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 81 °C/W
g. TC = 25 °C
PRODUCT SUMMARY
VDS (V)
-30
RDS(on) max. () at VGS = 10 V
0.0049
RDS(on) max. () at VGS = 4.5 V
0.0082
Qg typ. (nC)
27
ID (A)
60 a, g
Configuration
Single
PowerPAK® 1212-8 Single
Top View
1
3.3
mm
3.3
mm
Bottom View
1
S
1
S
2
S
3
S
4
G
D
8
D
7
D
6
D
5
S
G
D
P-Channel MOSFET
ORDERING INFORMATION
Package
PowerPAK 1212-8
Lead (Pb)-free and halogen-free
SiSA01DN-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
-30
V
Gate-source voltage
VGS
+16 / -20
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
-60 a
A
TC = 70 °C
-60 a
TA = 25 °C
-22.4 b, c
TA = 70 °C
18.4 b, c
Pulsed drain current (t = 100 μs)
IDM
-150
Continuous source-drain diode current
TC = 25 °C
IS
-47.2
TA = 25 °C
-3.3 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
-25
Single pulse avalanche energy
EAS
31.2
mJ
Maximum power dissipation
TC = 25 °C
IP
52
W
TC = 70 °C
33
TA = 25 °C
3.7 b, c
TA = 70 °C
2.4 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b
t
 10 s
RthJA
24
33
°C/W
Maximum junction-to-case (drain)
Steady state
RthJF
1.9
2.4


Similar Part No. - SISA01DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISA04DN VISHAY-SISA04DN Datasheet
582Kb / 13P
N-Channel 30 V (D-S) MOSFET
13-Feb-12
logo
Vishay Telefunken
SISA04DN TFUNK-SISA04DN Datasheet
571Kb / 13P
N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SISA04DN VISHAY-SISA04DN Datasheet
574Kb / 13P
N-Channel 30 V (D-S) MOSFET
13-Feb-12
SISA04DN-T1-GE3 VISHAY-SISA04DN-T1-GE3 Datasheet
574Kb / 13P
N-Channel 30 V (D-S) MOSFET
13-Feb-12
SISA04DN VISHAY-SISA04DN_V01 Datasheet
574Kb / 13P
N-Channel 30 V (D-S) MOSFET
13-Feb-12
More results

Similar Description - SISA01DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com