Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISA01DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SISA01DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA01DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SISA01DN Datasheet HTML 1Page - Vishay Siliconix SISA01DN Datasheet HTML 2Page - Vishay Siliconix SISA01DN Datasheet HTML 3Page - Vishay Siliconix SISA01DN Datasheet HTML 4Page - Vishay Siliconix SISA01DN Datasheet HTML 5Page - Vishay Siliconix SISA01DN Datasheet HTML 6Page - Vishay Siliconix SISA01DN Datasheet HTML 7Page - Vishay Siliconix SISA01DN Datasheet HTML 8Page - Vishay Siliconix SISA01DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiSA01DN
www.vishay.com
Vishay Siliconix
S17-1370-Rev. A, 04-Sep-17
2
Document Number: 76198
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = -250 μA
-30
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = -10 mA
-
-17
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
ID = -250 μA
-
5.5
-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
-1
-
-2.2
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = +16 / -20 V
-
-
100
nA
Zero gate voltage drain current
IDSS
VDS = -30 V, VGS = 0 V
-
-
-1
μA
VDS = -30 V, VGS = 0 V, TJ = 70 °C
-
-
-15
On-state drain current a
ID(on)
VDS  -10 V, VGS = -10 V
-40
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = -10 V, ID = -15 A
-
0.0041
0.0049
VGS = -4.5 V, ID = -10 A
-
0.0063
0.0082
Forward transconductance a
gfs
VDS = -15 V, ID = -15 A
-
81
-
S
Dynamic b
Input capacitance
Ciss
VDS = -15 V, VGS = 0 V, f = 1 MHz
-
3490
-
pF
Output capacitance
Coss
-
1420
-
Reverse transfer capacitance
Crss
-70
-
Total gate charge
Qg
VDS = -15 V, VGS = -10 V, ID = -10 A
-
56
84
nC
VDS = -15 V, VGS = -4.5 V, ID =-10 A
-27
41
Gate-source charge
Qgs
-9.4
-
Gate-drain charge
Qgd
-8.2
-
Gate resistance
Rg
f = 1 MHz
1.5
3.5
6
Turn-on delay time
td(on)
VDD = -15 V, RL = 1.5 , ID  -10 A,
VGEN = -10 V, Rg = 1 
-15
30
ns
Rise time
tr
-6
12
Turn-off delay time
td(off)
-39
78
Fall time
tf
-10
20
Turn-on delay time
td(on)
VDD = -15 V, RL = 1.5 , ID  -10 A,
VGEN = -4.5 V, Rg = 1 
-34
68
Rise time
tr
-
86
172
Turn-off delay time
td(off)
-31
62
Fall time
tf
-22
44
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
-
-47.2
A
Pulse diode forward current
ISM
-
-
-150
Body diode voltage
VSD
IS = -5 A, VGS = 0 V
-
-0.73
-1.1
V
Body diode reverse recovery time
trr
IF = -10 A, di/dt = 100 A/μs, TJ = 25 °C
-44
88
ns
Body diode reverse recovery charge
Qrr
-41
82
nC
Reverse recovery fall time
ta
-19
-
ns
Reverse recovery rise time
tb
-25
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com