Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8465 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8465 Datasheet HTML 26Page - Analog Devices AD8465 Datasheet HTML 27Page - Analog Devices AD8465 Datasheet HTML 28Page - Analog Devices AD8465 Datasheet HTML 29Page - Analog Devices AD8465 Datasheet HTML 30Page - Analog Devices AD8465 Datasheet HTML 31Page - Analog Devices AD8465 Datasheet HTML 32Page - Analog Devices AD8465 Datasheet HTML 33Page - Analog Devices AD8465 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTC6563
32
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 18. LTC6563 75Ω Transmission Line Circuit
Figure 19. LTC6563 100Ω Transmission Line Circuit
4.99
4.99
4.99
4.99
4.99
4.99
4pF
4pF
4pF
300
300
0.1µF
6563 F18
AD9094
VCM
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH1
CH2
CH3
CH4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
75 TRANSMISSION LINE
75 TRANSMISSION LINE
VCC
200
DIFF
INPUT
24.9
24.9
49.9
49.9
4.99
4.99
4.99
4.99
4.99
4.99
4pF
4pF
4pF
6563 F19
AD9094
VCM
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH1
CH2
CH3
CH4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
100 TRANSMISSION LINE
100 TRANSMISSION LINE
200
DIFF
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com