Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8465 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8465 Datasheet HTML 25Page - Analog Devices AD8465 Datasheet HTML 26Page - Analog Devices AD8465 Datasheet HTML 27Page - Analog Devices AD8465 Datasheet HTML 28Page - Analog Devices AD8465 Datasheet HTML 29Page - Analog Devices AD8465 Datasheet HTML 30Page - Analog Devices AD8465 Datasheet HTML 31Page - Analog Devices AD8465 Datasheet HTML 32Page - Analog Devices AD8465 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTC6563
29
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
e. IO CM/Average Output Current (from Table 1): 7mA
f. VCMO (minimum) = IO • [(24.9Ω + 50Ω + 2 • 2Ω)||300Ω]
= IO • [78.9Ω||300Ω] = IO • 62.5Ω = 437mV, where IO
= 7mA, 24.9Ω is the resistors in series with the TERM
pin, 50Ω is the TERM internal resistance, and the 2Ω
is the internal RCM minimum value.
As can be seen, the only difference between Table 6 and
Table 7 is in the last column, Min CM voltage, where this
column’s values are lowered in Table 7 by grounding the
mid-point of the external load resistors.
Summary of TIA Operating Conditions and
Their Effects
The current output nature of the LTC6563 provides a
great deal of flexibility in tailoring the circuit to drive a
variety of ADCs, transmission lines, or other loads that
are found in various applications. The TIA gain (RT), full
scale swing (FS), and output CM voltage design can be
optimized using internal termination networks, external
termination networks (ground referenced and differen-
tial), and ADJ settings.
Designing the TIA load and operational settings involves
juggling these interdependent parameters. See Table 8
for a summary of how different TIA output operating
conditions influence various important aspects of the
TIA design:
Clamp Function
LTC6563 has internal output voltage clamps that restrain
its differential output swing. These clamps maintain
Table 8. Summary of LTC6563 Output Operating Conditions and Their Performance Effect
OPERATING
CONDITION
EFFECT ON OUTPUT
CM
EFFECT ON OUTPUT
FS SWING
EFFECT ON TOTAL
POWER DISSIPATION
EFFECT ON OVERALL
GAIN
EFFECT ON SOURCE
IMPEDANCE WHEN DRIVING
TRANSMISSION LINE
RLDIFF Value Increase
No Effect
Increase
No Effect
Increase
Increase
Add/Increase R in
Series with TERM
Increase
Increase
No Effect
Increase
Increase
RTEE Value Decrease
Reduce
No Effect
No Effect
No Effect
No Effect
ADJ (Logic Input)
Increase
Increase
Increase
Increase
Increase
No Effect
control of the OUT and OUT voltages to prevent overload-
ing the ADCs inputs. The clamping speed is on the order
of the TIA bandwidth so the ADCs functionality and signal
integrity will be minimally affected by output signals that
would otherwise exceed the ADCs input range.
OUT and OUT will be confined to the range of voltages
shown below:
Maximum output high side voltage = HI pin voltage
Minimum output low side voltage = VCM – (HI – VCM)
= 2VCM – HI
Please remember that VCM is the pin voltage of the CM
input. If the actual output CM voltage differs from the CM
pin voltage, unexpected clamping may occur.
Consider the example where, with CM = 1.4V and HI =
2.2V. The difference between CM and HI is 0.8V, so the
outputs will be clamped between 1.4V ±0.8V. The OUT
pin will not exceed 2.2V due to an input signal. At the
same time, OUT will be limited to the same swing below
the CM voltage or 1.4V – 0.8V = 0.6V. Done this way, a
symmetrical swing is guaranteed whilst a single input
voltage dictates the voltage limit in both swing directions.
It is critical that the voltage applied to the CM device
pin represents the actual output CM voltage, otherwise
the clamp(s) will not function correctly. With the TERM
pins utilized, this requires a valid servo operation where
LTC6563 maintains the output CM voltage. When the CM
servo loop is not utilized (i.e. TERM and TERM are open),
the clamps can still function as long as the CM pin is tied
to a voltage that is close to the actual output CM voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com