Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 4Page - Analog Devices LTC4012 Datasheet HTML 5Page - Analog Devices LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2959
8
Rev. 0
For more information www.analog.com
OPERATION
Overview
The LTC2959 is an ultra-low power battery fuel gauge
designed for a wide range of batteries. Its high-precision
coulomb counter keeps track of charge and discharge by
measuring the voltage across an external current sensing
resistor. The resistor can be inserted at any point in the
battery’s current path, accommodating both low-side and
high-side sensing configurations.
The LTC2959’s supply voltage can range between 1.8V
and 60V and can be set independently of the terminal
voltages at the sense resistor. Its extremely low operating
current allows the LTC2959 to keep track of charge over
extended periods of time.
The LTC2959 also measures battery voltage, instanta-
neous current, its own temperature and an auxiliary input
using an internal ADC.
Coulomb Counter
Charge is the time integral of current. The LTC2959
measures charge by monitoring the voltage developed
across an external sense resistor. The differential volt-
age between SENSEP and SENSEN is first low-pass fil-
tered and then applied to a precision coulomb counter.
The coulomb counter integrates and then digitizes the
differential voltage, incrementing and decrementing the
Accumulated Charge Register (ACR) as needed. The ACR
and its programmable thresholds can be read out via the
I2C interface.
The coulomb counter modulates its operating current as
a function of the signal at its differential input. For small
input signals, its typical current reduces to below 1µA.
Even at those reduced current levels, its high precision and
low offset are maintained. The operating current is inde-
pendent of the common mode voltage at the SENSE pins.
The coulomb counter can be set to do not count mode
using register bit C[3]. This stops coulomb counting and
prevents the ACR from incrementing/decrementing. In
this mode, the operating current is statically low and no
longer input dependent.
Coulomb Counter Charge Gain
The coulomb counter’s accumulated charge register
(ACR) has a fixed LSB of 533nAh and a width of 32 bits.
This accommodates a wide variety of batteries; its full
scale of 2289Ah should accommodate most large batter-
ies, while even a 10mAh full-scale charge can be resolved
to well below 0.01%.
The choice of the external sense resistor value influences
the gain of the coulomb counter. The full-scale value of
the ACR is based on an RSENSE with a value of 50mΩ. If
sense resistors with a different value are used, the value
should be scaled as follows:
QBAT,EFF =
50m
Ω
RSENSE
QBAT,DEFAULT
Deadbanding
In battery gas gauges, an important parameter is the dif-
ferential offset (VOS) of the circuitry monitoring the bat-
tery charge. This is because coulomb counters essentially
integrate forever, and so the charge error correspond-
ing to a small offset grows linearly over time. Moreover,
for small input voltages (VSENSE), VOS may significantly
contribute to the relative charge error. The LTC2959 was
designed to have a very low offset (typically 1µV and no
more than ±10µV max).
Additionally, the LTC2959 has a programmable dead-
band: if the absolute value of the average VSENSE over a
0.5s period is smaller than a programmable threshold,
the charge measured during that period is not added to
the ACR.
Using register bits C [7:6], the programmable threshold
can be set to 20, 40 or 80µV, or to 0 (no deadbanding).
Voltage, Current, Temperature and GPIO ADC
The LTC2959 includes a fast, precision, No-Latency Σ∆
analog-to-digital converter, with internal clock and ref-
erence circuits. The ADC can be used to monitor the
battery voltage via the SENSEN pin or via the VDD pin
(in low-side sensing applications); it can also measure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com