Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices LTC4012 Datasheet HTML 14Page - Analog Devices LTC4012 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2959
11
Rev. 0
For more information www.analog.com
REGISTER MAP
REGISTER
NAME
LETTER
BITS
R/W
DEFAULT
DATA TYPE
23h
Temperature MSB
AJ
AJ7:AJ0
R
00h
Unsigned
24h
Temperature LSB
AK
AK7:AK0
R
00h
Unsigned
25h
Temperature Threshold High MSB
AL
AL7:AL0
R/W
FFh
Unsigned
26h
Temperature Threshold High LSBs
AM
AM7:AM0
R/W
FFh
Unsigned
27h
Temperature Threshold Low MSB
AN
AN7:AN0
R/W
00h
Unsigned
28h
Temperature Threshold Low LSBs
AO
AO7: AO0
R/W
00h
Unsigned
29h
GPIO Voltage MSB
AP
AP7:AP0
R
00h
Signed
2Ah
GPIO Voltage LSB
AQ
AQ7:AQ0
R
00h
Signed
2Bh
GPIO Threshold High MSB
AR
AR7:AR0
R/W
7Fh
Signed
2Ch
GPIO Threshold High LSB
AS
AS7:AS0
R/W
FFh
Signed
2Dh
GPIO Threshold Low MSB
AT
AT7:AT0
R/W
80h
Signed
2Eh
GPIO Threshold Low LSB
AU
AU7:AU0
R/W
00h
Signed
Status (A) 8-bit
Table: STATUS Register (00h) (Read-Only – Clear on Read)
BIT
NAME
OPERATION
DEFAULT
A7
GPIO Alert
Indicates one of the GPIO limits has been exceeded.
0
A6
Current Alert
Indicates one of the current limits was exceeded.
0
A5
Charge Overflow/Underflow
Indicates that the value of the ACR has hit either top or bottom.
0
A4
Temperature Alert
Indicates one of the temperature limits was exceeded.
0
A3
Charge Alert High
Indicates the upper charge limit was exceeded.
0
A2
Charge Alert Low
Indicates the lower charge limit was exceeded.
0
A1
Voltage Alert
Indicates one of the voltage limits was exceeded.
0
A0
UVLO Alert
Indicates recovery from power bad. If equal to 1, an UVLO has occurred and the content
of registers is uncertain.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com