Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253CSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX253CSA
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253CSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX253CSA Datasheet HTML 5Page - Maxim Integrated Products MAX253CSA Datasheet HTML 6Page - Maxim Integrated Products MAX253CSA Datasheet HTML 7Page - Maxim Integrated Products MAX253CSA Datasheet HTML 8Page - Maxim Integrated Products MAX253CSA Datasheet HTML 9Page - Maxim Integrated Products MAX253CSA Datasheet HTML 10Page - Maxim Integrated Products MAX253CSA Datasheet HTML 11Page - Maxim Integrated Products MAX253CSA Datasheet HTML 12Page - Maxim Integrated Products MAX253CSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 9
www.maximintegrated.com
C3
0.1
μF
C2
22
μF
ISO 5V
ISOLATION
BARRIER
5V
VIN
1
8
5
C1
0.1
μF
1N5817
MAX253
D1
D2
GND1 GND2
VCC
6
27
N.C.
SD
4
ON / OFF
10 x PC417
*74HC04 OR EQUIVALENT
** SEE TABLE 2
MAX205
EN
SD
C4
22
μF
82
1N5817
MAX667
5
64
SHDN
SET
GND
IN
OUT
390
Ω
83
T1IN
T1OUT
390
Ω
*74HC04
T1IN
1
2
4
5
6
1
2
4
5
6
390
Ω
74HC04
T2IN
390
Ω
74HC04
T3IN
390
Ω
74HC04
T4IN
390
Ω
74HC04
T5IN
74HC04
R1OUT
74HC04
74HC04
74HC04
74HC04
R2OUT
R3OUT
R4OUT
R5OUT
5 X 3.3k
Ω
390
Ω
390
Ω
390
Ω
390
Ω
74
T2IN
T2OUT
15
2
T3IN
T3OUT
16
1
T4IN
T4OUT
22
19
T5IN
T5OUT
910
R1OUT
R1IN
65
R2OUT
R2IN
23
24
R3OUT
R3IN
17
18
R4OUT
R4IN
14
13
R5OUT
R5IN
VCC
20
21
GND
5 x 3.3k
Ω
1N5711
6
5
4
1
2
390
Ω
3.3k
Ω
VCC
ISO
ROUT
ROUT
1N5711
1
2
6
5
4
390
Ω
3.3k
Ω
VCC
ISO
TIN
TIN
*74HC04
4N25 LOWER SPEED, LOWER COST ALTERNATE OPTOCOUPLER CONFIGURATIONS (FOR DATA RATES BELOW 9.6kbps)
FS
3
74HCO4
4N25
ISO
GND
4N25
ISO
GND
1CT:1.3CT**
Figure 5. Typical RS-232 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com