Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253CSA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX253CSA
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253CSA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX253CSA Datasheet HTML 10Page - Maxim Integrated Products MAX253CSA Datasheet HTML 11Page - Maxim Integrated Products MAX253CSA Datasheet HTML 12Page - Maxim Integrated Products MAX253CSA Datasheet HTML 13Page - Maxim Integrated Products MAX253CSA Datasheet HTML 14Page - Maxim Integrated Products MAX253CSA Datasheet HTML 15Page - Maxim Integrated Products MAX253CSA Datasheet HTML 16Page - Maxim Integrated Products MAX253CSA Datasheet HTML 17Page - Maxim Integrated Products MAX253CSA Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 16
www.maximintegrated.com
age. In addition, include in the calculations an
allowance for worst-case losses in the rectifiers. Since
the turns ratio determined in this manner will ordinarily
produce a much higher voltage at the secondary under
conditions of high input voltage and/or light loading, be
careful to prevent an overvoltage condition from occur-
ring (see Output Voltage vs. Load Current in the
Typical
Operating Characteristics).
Transformers used with the MAX253 will ordinarily be
wound on high-permeability magnetic material. To min-
imize radiated noise, use common closed-magnetic-
path physical shapes (e.g., pot cores, toroids, E/I/U
cores). A typical core is the Philips 213CT050-3B7,
which is a toroid 0.190” in diameter and 0.05” thick.
For operation with this core at 5.5V maximum supply
voltage, the primary should have approximately 22
turns on each side of the center tap, or 44 turns total.
This will result in a nominal primary inductance of
approximately 832µH. The secondary can be scaled to
produce the required DC output.
Diode Selection
The MAX253’s high switching frequency demands
high-speed rectifiers. Schottky diodes are recom-
mended. Ensure that the Schottky diode average cur-
rent rating exceeds the load-current level. The 1N5817
is a good choice for through-hole applications, and the
NIEC* SB05W05C dual in an SOT-23 package is rec-
ommended for surface-mount applications. Use the
higher frequency setting to reduce ripple.
Output Filter Capacitor
In applications sensitive to output-ripple noise, the out-
put filter capacitor C2 should have a low effective
series resistance (ESR), and its capacitance should
remain fairly constant over temperature. Sprague 595D
surface-mount solid tantalum capacitors and Sanyo
OS-CON through-hole capacitors are recommended
due to their extremely low ESR. Capacitor ESR usually
rises at low temperatures, but OS-CON capacitors pro-
vide very low ESR below 0°C.
In applications where output ripple is not critical, a
0.1µF chip or ceramic capacitor is sufficient. Refer to
Table 4 for suggested capacitor suppliers. Use the
higher frequency setting to reduce ripple.
Input Bypass Capacitor
The input bypass capacitor C1 is not critical. Unlike
switching regulators, the MAX253’s supply current is
fairly constant, and is therefore less dependent on the
input bypass capacitor. A low-cost 0.1µF chip or
ceramic capacitor is normally sufficient for input
bypassing.
* Nihon Inter Electronics Corp.
USA Phone: (805) 867-2555
FAX: (805) 867-2556
Japan Phone: 81-3-3494-7411
FAX: 81-3-3494-7414
Table 4. Suggested Capacitor Suppliers
PRODUCTION METHOD
CAPACITORS
Surface Mount
Matsuo
267 series (low ESR)
USA Phone: (714) 969-2491, FAX: (714) 960-6492
Sprague Electric Co.
595D/293D series (very low ESR)
USA Phone: (603) 224-1961, FAX: (603) 224-1430
Murata Erie
Ceramic
USA Phone: (800) 831-9172, FAX: (404) 436-3030
High-Performance
Through Hole
Sanyo
OS-CON series (very low ESR)
USA Phone: (619) 661-6835, FAX: (619) 661-1055
Japan Phone: 81-7-2070-1005, FAX: 81-7-2070-1174
Through Hole
Nichicon
PL series (low ESR)
USA Phone: (708) 843-7500, FAX: (708) 843-2798
Japan Phone: 81-7-5231-8461, FAX: 81-7-5256-4158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com