Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX253C/D
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX253C/D Datasheet HTML 1Page - Maxim Integrated Products MAX253C/D Datasheet HTML 2Page - Maxim Integrated Products MAX253C/D Datasheet HTML 3Page - Maxim Integrated Products MAX253C/D Datasheet HTML 4Page - Maxim Integrated Products MAX253C/D Datasheet HTML 5Page - Maxim Integrated Products MAX253C/D Datasheet HTML 6Page - Maxim Integrated Products MAX253C/D Datasheet HTML 7Page - Maxim Integrated Products MAX253C/D Datasheet HTML 8Page - Maxim Integrated Products MAX253C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
General Description
The MAX253 monolithic oscillator/power-driver is
specifically designed to provide isolated power for an
isolated RS-485 or RS-232 data interface. The device
drives a center-tapped transformer primary from a 5V
or 3.3V DC power supply. The secondary can be
wound to provide any isolated voltage needed at power
levels up to 1W.
The MAX253 consists of a CMOS oscillator driving a
pair of N-channel power switches. The oscillator runs
at double the output frequency, driving a toggle flip-
flop to ensure 50% duty cycle to each of the switches.
Internal delays are arranged to ensure break-before-
make action between the two switches.
The SD pin puts the entire device into a low-power
shutdown state, disabling both the power switches and
oscillator.
Applications
Isolated RS-485/RS-232 Power-Supply
Transformer Driver
High Noise-Immunity Communications Interface
Isolated and/or High-Voltage Power Supplies
Bridge Ground Differentials
Medical Equipment
Process Control
Benefits and Features
• Simple Power-Supply Transformer Driver Design for
Isolated RS-485/RS-232 Data-Interface Applications
•
Single 5V or 3.3V Supply
•
Low-Current Shutdown Mode: 0.4µA
•
Pin-Selectable Frequency: 350kHz or 200kHz
• 8-Pin DIP, SO, and µMAX® Packages Take Minimal
Board Space
Ordering Information
MAX253
D1
D2
FS
GND1
GND2
VCC
1
8
46
27
3
VIN
SD
FREQUENCY
SWITCH
C3
C1
C2
5V @ 200mA
OUTPUT
5V
ON / OFF
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
MAX253CPA
0°C to +70°C
8 Plastic DIP
MAX253CSA
0°C to +70°C
8 SO
MAX253CUA
0°C to +70°C
8 µMAX
MAX253C/D
0°C to +70°C
Dice*
MAX253EPA
-40°C to +85°C
8 Plastic DIP
MAX253ESA
-40°C to +85°C
8 SO
MAX253ESA/V
-40°C to +85°C
8 SO
MAX253MJA
-55°C to +125°C
8 CERDIP**
*
Contact factory for dice specifications.
**
Contact factory for availability and processing to MIL-STD-883.
Devices are also available in a lead(Pb)-free/RoHS-compliant
package. Specify lead-free by adding a (+) to the part number
when ordering.
/V Denotes an automotive qualified part.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
19-0226; Rev 3; 2/15


Similar Part No. - MAX253C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253C/D MAXIM-MAX253C/D Datasheet
230Kb / 16P
Transformer Driver for Isolated RS-485 Interface
19-0226; Rev 0; 1/94
MAX253C/D MAXIM-MAX253C/D Datasheet
826Kb / 17P
Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253C/D MAXIM-MAX253C/D Datasheet
545Kb / 18P
Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
More results

Similar Description - MAX253C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253 Datasheet
230Kb / 16P
Transformer Driver for Isolated RS-485 Interface
19-0226; Rev 0; 1/94
MAX253 MAXIM-MAX253_09 Datasheet
826Kb / 17P
Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253 MAXIM-MAX253_10 Datasheet
545Kb / 18P
Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Texas Instruments
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX253CPA MAXIM-MAX253CPA Datasheet
579Kb / 18P
MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
Texas Instruments
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com