Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX253C/D
Description  Transformer Driver for Isolated RS-485 Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX253C/D Datasheet HTML 1Page - Maxim Integrated Products MAX253C/D Datasheet HTML 2Page - Maxim Integrated Products MAX253C/D Datasheet HTML 3Page - Maxim Integrated Products MAX253C/D Datasheet HTML 4Page - Maxim Integrated Products MAX253C/D Datasheet HTML 5Page - Maxim Integrated Products MAX253C/D Datasheet HTML 6Page - Maxim Integrated Products MAX253C/D Datasheet HTML 7Page - Maxim Integrated Products MAX253C/D Datasheet HTML 8Page - Maxim Integrated Products MAX253C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MAX253
Transformer Driver for
Isolated RS-485 Interface
Maxim Integrated | 4
www.maximintegrated.com
10
0
0
40
220
OUTPUT VOLTAGE vs. LOAD CURRENT
(FS = LOW)
2
8
LOAD CURRENT (mA)
80
6
4
1
3
9
7
5
20
60
140
120
100
160 180 200
CIRCUIT OF FIGURE 6
VIN = 5.0V
TURNS RATIO = 1:1
CIRCUIT OF FIGURE 6
VIN = 5.0V
TURNS RATIO = 1:1.3
CIRCUIT OF FIGURE 7
VIN = 3.3V
TURNS RATIO = 1:2.1
MEASURED AT TP1
10
0
040
220
OUTPUT VOLTAGE vs. LOAD CURRENT
(FS = HIGH)
2
8
LOAD CURRENT (mA)
80
6
4
1
3
9
7
5
20
60
140
120
100
160 180 200
CIRCUIT OF FIGURE 6
VIN = 5.0V
TURNS RATIO = 1:1
CIRCUIT OF FIGURE 6
VIN = 5.0V
TURNS RATIO = 1:1.3
CIRCUIT OF FIGURE 7
VIN = 3.3V
TURNS RATIO = 1:2.1
MEASURED AT TP1
CIRCUIT OF FIGURE 1
SWITCHING WAVEFORMS
(TWO CYCLES)
D1
D2
CIRCUIT OF FIGURE 1
SWITCHING WAVEFORMS
(BREAK BEFORE MAKE)
D1
D2
CIRCUIT OF FIGURE 6
TIME FROM SHUTDOWN TO POWER-UP
SD
TP1 (OUTPUT VOLTAGE)
Typical Operating Characteristics (continued)
Circuit of Figure 6, VIN = 5V ±10%, TA = +25°C, unless otherwise noted.)
100
0
0
40
120
200
EFFICIENCY vs. LOAD CURRENT
(FS = HIGH)
20
80
LOAD CURRENT (mA)
80
160
60
40
10
30
90
70
50
20
60
140
100
180
VIN = 5.5V
VIN = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com