Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX705C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX705C/D
Description  Low-Cost, 關P Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX705C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX705C/D Datasheet HTML 3Page - Maxim Integrated Products MAX705C/D Datasheet HTML 4Page - Maxim Integrated Products MAX705C/D Datasheet HTML 5Page - Maxim Integrated Products MAX705C/D Datasheet HTML 6Page - Maxim Integrated Products MAX705C/D Datasheet HTML 7Page - Maxim Integrated Products MAX705C/D Datasheet HTML 8Page - Maxim Integrated Products MAX705C/D Datasheet HTML 9Page - Maxim Integrated Products MAX705C/D Datasheet HTML 10Page - Maxim Integrated Products MAX705C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Power-Fail Comparator
The power-fail comparator can be used for various
purposes because its output and noninverting input are
not internally connected. The inverting input is internally
connected to a 1.25V reference.
To build an early-warning circuit for power failure, connect
the PFI pin to a voltage divider (see Typical Operating
Circuit). Choose the voltage divider ratio so that the
voltage at PFI falls below 1.25V just before the +5V
regulator drops out. Use PFO to interrupt the μP so it can
prepare for an orderly power-down.
Applications Information
Ensuring a Valid RESET Output Down to
VCC = 0V
When VCC falls below 1V, the MAX705–MAX708 RESET
output no longer sinks current—it becomes an open
circuit. High-impedance CMOS logic inputs can drift
to undetermined voltages if left undriven. If a pulldown
resistor is added to the RESET pin, as shown in Figure
5, any stray charge or leakage currents will be drained
to ground, holding RESET low. Resistor value (R1) is not
critical. It should be about 100kΩ, large enough not to load
RESET
and small enough to pull RESET to ground.
Monitoring Voltages Other Than the
Unregulated DC Input
Monitor voltages other than the unregulated DC by
connecting a voltage-divider to PFI and adjusting the ratio
appropriately. If required, add hysteresis by connecting a
resistor (with a value approximately 10 times the sum of
the two resistors in the potential divider network) between
PFI and PFO. A capacitor between PFI and GND reduces
the power-fail circuit’s sensitivity to high-frequency noise
on the line being monitored. RESET can be asserted on
other voltages in addition to the +5V VCC line. Connect
PFO
to MR to initiate a RESET pulse when PFI drops
below 1.25V. Figure 6 shows the MAX705–MAX708
configured to assert RESET when the +5V supply falls
below the reset threshold, or when the +12V supply falls
below approximately 11V.
Monitoring a Negative Voltage
The power-fail comparator can also monitor a negative
supply rail (Figure 7). When the negative rail is good (a
negative voltage of large magnitude), PFO is low, and
when the negative rail is degraded (a negative voltage of
lesser magnitude), PFO is high. By adding the resistors
and transistor as shown, a high PFO triggers a reset.
As long as PFO remains high, the MAX705–MAX708/
MAX813L keep reset asserted (RESET = low, RESET =
high). Note that this circuit’s accuracy depends on the PFI
threshold tolerance, the VCC line, and the resistors.
Figure 3. MAX705/MAX706/MAX813L Watchdog Timing
Figure 4. MAX705/MAX706 RESET, MR, and WDO Timing with
WDI Three Stated. The MAX707/MAX708/MAX813L RESET
output is the inverse of RESET shown.
tWP
tWD
+5V
0V
WDI
+5V
0V
WDO
+5V
0V
RESET
+5V
0V
(RESET)
tRS
( ) ARE FOR MAX813L ONLY.
RESET EXTERNALLY
TRIGGERED BY MR
tWD
tWD
tRS
+5V
0V
RESET
WDO
+5V
0V
MR
tMR
MR EXTERNALLY DRIVEN LOW
+5V
0V
VCC
VRT
VRT
tMD
tRS
MAX705–MAX708/MAX813L
MAX705–MAX708/MAX813L
Low-Cost, μP Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com