Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX705C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX705C/D
Description  Low-Cost, 關P Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX705C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX705C/D Datasheet HTML 4Page - Maxim Integrated Products MAX705C/D Datasheet HTML 5Page - Maxim Integrated Products MAX705C/D Datasheet HTML 6Page - Maxim Integrated Products MAX705C/D Datasheet HTML 7Page - Maxim Integrated Products MAX705C/D Datasheet HTML 8Page - Maxim Integrated Products MAX705C/D Datasheet HTML 9Page - Maxim Integrated Products MAX705C/D Datasheet HTML 10Page - Maxim Integrated Products MAX705C/D Datasheet HTML 11Page - Maxim Integrated Products MAX705C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Interfacing to μPs with
Bidirectional Reset Pins
μPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX705–MAX708
RESET
output. If, for example, the RESET output is
driven high and the μP wants to pull it low, indeterminate
logic levels may result. To correct this, connect a 4.7kΩ
resistor between the RESET output and the μP reset I/O,
as in Figure 8. Buffer the RESET output to other system
components.
Figure 5. RESET Valid to Ground Circuit
Figure 7. Monitoring a Negative Voltage
Figure 6. Monitoring Both +5V and +12V
Figure 6. Monitoring Both +5V and +12V
MAX70_
RESET
R1
MAX70_
RESET
R2
R1
+5V
V-
VCC
PFI
GND
MR
PFO
TO µP
100kΩ
100kΩ
2N3904
MR
PFO
+5V
0V
+5V
0V
VTRIP
0V
V-
5 1.25
R1
1.25 VTRIP
R2
,VTRIP 0
–
=
–
<
MAX70_
RESET
130kΩ
1%
PARAMETER
MIN TYP MAX UNIT
+12V Reset
Threshold at +25°C
10.67 10.87 11.50
V
1MΩ
1%
+5V
+12V
VCC
PFI
GND
MR
PFO
TO µP
MAX70_
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
4.7kΩ
VCC
GND
RESET
VCC
GND
RESET
µP
MAX705–MAX708/MAX813L
MAX705–MAX708/MAX813L
Low-Cost, μP Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com