Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8907 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8907
Description  31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8907 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8907 Datasheet HTML 1Page - Diodes Incorporated PAM8907 Datasheet HTML 2Page - Diodes Incorporated PAM8907 Datasheet HTML 3Page - Diodes Incorporated PAM8907 Datasheet HTML 4Page - Diodes Incorporated PAM8907 Datasheet HTML 5Page - Diodes Incorporated PAM8907 Datasheet HTML 6Page - Diodes Incorporated PAM8907 Datasheet HTML 7Page - Diodes Incorporated PAM8907 Datasheet HTML 8Page - Diodes Incorporated PAM8907 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PAM8907
Document number: DS43314 Rev. 2 - 2
5 of 10
www.diodes.com
May 2021
© Diodes Incorporated
PAM8907
Application Information
Overview:
The PAM8907 is a piezo sounder driver with integrated boost switch, power diodes, and fully differential amplifier. This versatile device is capable
of driving piezo sounder for a variety of applications, including location tracker, air humidifier or haptic feedback related applications. The
PAM8907 supports selectable boost voltage output by VSET pin for low/high voltage output. A typical start-up time of 1.1ms makes the PAM8907
an ideal piezo driver with fast response. PAM8907 has built-in thermal overload protection, current limit and various protection features to prevent
the device from damage when overdriven.
Major functions of PAM8907 along with application information is described in the following sections.
LDO Regulator
The PAM8907 has a built-in 5V LDO regulator to supply 5V to the internal blocks. It is recommended to add 1
μF capacitor at pin 1 VCC (LDO).
VCC
LDO
1
µF
Piezo Driver
As illustrated below, the PAM8907 has a built-in Piezo driver circuitry with Diodes I
ncorporated’s proprietary design. This is to enable easy system
configuration for driving piezo sounder with less external components and yet optimized performance.
OUTP
OUTN
IN
Piezo Driver
DIN Control
The PAM8907 designs a binary control logic circuit internally for the automatic shutdown and wake-up control, when DIN is set low and continue
for longer than 100ms (Typ.) period, PAM8907
’s boost and Piezo driver block will be disabled and the device automatically enters shutdown mode.
The PAM8907
’s operation current is less than 1μA under this shutdown mode. When DIN is set high or provided with pulsed-clock input,
PAM8907
’s boost and Piezo driver block will be enabled again & resumed back to normal operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com