Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8907 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM8907
Description  31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8907 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM8907 Datasheet HTML 2Page - Diodes Incorporated PAM8907 Datasheet HTML 3Page - Diodes Incorporated PAM8907 Datasheet HTML 4Page - Diodes Incorporated PAM8907 Datasheet HTML 5Page - Diodes Incorporated PAM8907 Datasheet HTML 6Page - Diodes Incorporated PAM8907 Datasheet HTML 7Page - Diodes Incorporated PAM8907 Datasheet HTML 8Page - Diodes Incorporated PAM8907 Datasheet HTML 9Page - Diodes Incorporated PAM8907 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PAM8907
Document number: DS43314 Rev. 2 - 2
7 of 10
www.diodes.com
May 2021
© Diodes Incorporated
PAM8907
Application Information (continued)
Capacitor Selection Guide
The external capacitors are required to use low ESR ceramic capacitors. It is strongly recommended to place them at the same layout layer as
PAM8907.
Power Supply Decoupling
– VIN (Pin 10)
Capacitor Value: 1
μF +10μF
Voltage Rating: 2 x VIN
Capacitor layout: place the 1
μF capacitor close to VIN (Pin 10), and 10μF close to the inductor
External LDO
– VCC (Pin 1)
Capacitor Value: 1
μF
Voltage Rating: 10V or 16V
Capacitor layout: place the capacitor close to VCC (Pin 1)
Bootstrap
– BOOT (Pin 3)
Capacitor Value: 0.1
μF
Voltage Rating: 25V or higher
Capacitor layout: place the capacitor close to BOOT (Pin 3)
Boost Output
– VOUT (Pin 5)
Capacitor Value: 1
μF or 2.2μF, for smoke alarm application, if loading is higher than 100nF, put a 10μF capacitor at the VOUT pin.
Voltage Rating: 25V or higher
Capacitor layout: place the capacitor close to VOUT (Pin 5)
Schottky Diode
This is optional. A Schottky diode between SW and VOUT (in parallel with high-side FET of the Boost converter) can reduce the power
consumption by approximately 20%. A 20V Schottky with current rating of 1A is preferred.
GND Layout Guideline
The GND layout is important to enable PAM8907 to operate under optimal conditions. Suggested layout for GND is illustrated below. Please
consult with Diodes
Incorporated’s technical support team or field representative for any further assistance, if necessary.
C
onnect first GND (Pin 2) to PAM8907’s epoxy pad, then expand the GND line to VCC/VIN’s capacitor’s GND and place many vias on the GND
trace, then c
onnect with VOUT pin’s CAP GND. Place these capacitors as close as possible to PAM8907.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com