Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3TM3 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3TM3
Description  Input/output analog module, Modicon TM3, 2 or temperature inputs, 1 output (screw) 24 VDC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3TM3 Datasheet(HTML) 2 Page - Schneider Electric

  TM3TM3 Datasheet HTML 1Page - Schneider Electric TM3TM3 Datasheet HTML 2Page - Schneider Electric TM3TM3 Datasheet HTML 3Page - Schneider Electric TM3TM3 Datasheet HTML 4Page - Schneider Electric TM3TM3 Datasheet HTML 5Page - Schneider Electric TM3TM3 Datasheet HTML 6Page - Schneider Electric TM3TM3 Datasheet HTML 7Page - Schneider Electric TM3TM3 Datasheet HTML 8Page - Schneider Electric TM3TM3 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3.91 µA 4...20 mA current
Load type
Resistive
Load impedance ohmic
1 kOhm voltage
300 Ohm current
Stabilisation time
1 ms
Conversion time
100 ms + 100 ms per channel + 1 controller cycle time for analogue input thermocouple
100 ms + 100 ms per channel + 1 controller cycle time for analogue input temperature probe
10 ms + 10 ms per channel + 1 controller cycle time for analogue input voltage/current
Sampling duration
10 ms, analogue input type: voltage/current
100 ms, analogue input type: voltage/current
100 ms, analogue input type: thermocouple
100 ms, analogue input type: temperature probe
Absolute accuracy error
+/- 6 °C at 25 °C for thermocouple R, S 0...200 °C
+/- 0.4 % of full scale at 25 °C for thermocouple K - 200...0 °C
+/- 0.4 % of full scale at 25 °C for thermocouple J - 200...0 °C
+/- 0.4 % of full scale at 25 °C for thermocouple E - 200...0 °C
+/- 0.4 % of full scale at 25 °C for thermocouple T - 200...0 °C
+/- 0.4 % of full scale at 25 °C for thermocouple N - 200...0 °C
+/- 0.1 % of full scale at 25 °C for analogue input voltage/current
+/- 0.1 % of full scale at 25 °C for thermocouple C 0...2315 °C
+/- 0.1 % of full scale at 25 °C for Pt 100/Pt 1000, Ni 100/ Ni 1000 temperature probe
+/- 0.1 % of full scale at 25 °C for thermocouple R, S 200...1760 °C
+/- 0.1 % of full scale at 25 °C for thermocouple B 300...1820 °C
+/- 0.1 % of full scale at 25 °C for thermocouple K 0...1300 °C
+/- 0.1 % of full scale at 25 °C for thermocouple J 0...1000 °C
+/- 0.1 % of full scale at 25 °C for thermocouple E 0...800 °C
+/- 0.1 % of full scale at 25 °C for thermocouple T 0...400 °C
+/- 0.1 % of full scale at 25 °C for thermocouple N 0...1300 °C
+/- 0.1 % of full scale at 25 °C for analogue output voltage/current
Temperature drift
+/- 0.006 %FS/°C
Repeat accuracy
+/-0.5 %FS for input
+/- 0.4 %FS for output
Non-linearity
+/- 0.01 %FS, analogue output type: analog output
+/- 0.1 %FS, analogue input type: analog input
Output ripple
20 mV
Cross talk
<= 1 LSB
[Us] rated supply voltage
24 V DC
Supply voltage limits
20.4…28.8 V
Type of cable
Twisted shielded pairs cable <30 m for input/output circuit
Current consumption
55 mA at 24 V DC via external supply no load
55 mA at 5 V DC via bus connector no load
60 mA at 5 V DC via bus connector full load
80 mA at 24 V DC via external supply full load
Local signalling
1 LED (green) for PWR
Electrical connection
11 x 2.5 mm² removable screw terminal block with pitch 5.08 mm adjustment for inputs, outputs and
supply
Insulation
Between input and supply at 1500 V AC
Between input and internal logic at 500 V AC
Between output and supply at 1500 V AC
Between output and internal logic at 500 V AC
Marking
CE
Surge withstand
1 kV power supply common mode conforming to EN/IEC 61000-4-5
0.5 kV power supply differential mode conforming to EN/IEC 61000-4-5
1 kV I/O common mode conforming to EN/IEC 61000-4-5
0.5 kV I/O differential mode conforming to EN/IEC 61000-4-5
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
plate or panel with fixing kit
Height
90 mm
Depth
70 mm
Width
23.6 mm
Net weight
0.115 kg
2
Apr 4, 2022



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com