Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3TM3 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3TM3
Description  Input/output analog module, Modicon TM3, 2 or temperature inputs, 1 output (screw) 24 VDC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3TM3 Datasheet(HTML) 1 Page - Schneider Electric

  TM3TM3 Datasheet HTML 1Page - Schneider Electric TM3TM3 Datasheet HTML 2Page - Schneider Electric TM3TM3 Datasheet HTML 3Page - Schneider Electric TM3TM3 Datasheet HTML 4Page - Schneider Electric TM3TM3 Datasheet HTML 5Page - Schneider Electric TM3TM3 Datasheet HTML 6Page - Schneider Electric TM3TM3 Datasheet HTML 7Page - Schneider Electric TM3TM3 Datasheet HTML 8Page - Schneider Electric TM3TM3 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Specifications
Input/output analog module,
Modicon TM3, 2 or temperature
inputs, 1 output (screw) 24 VDC
TM3TM3
Main
Range of product
Modicon TM3
Product or component type
Input/output analog module
Range compatibility
Modicon M221
Modicon M241
Modicon M251
Modicon M262
Analogue input number
2
Analogue input type
current 4...20 mA
current 0...20 mA
voltage 0...10 V
voltage - 10...10 V
thermocouple - 200...1000 °C with thermocouple J
thermocouple - 200...1300 °C with thermocouple K
thermocouple 0...1760 °C with thermocouple R
thermocouple 0...1760 °C with thermocouple S
thermocouple 0...1820 °C with thermocouple B
thermocouple - 200...400 °C with thermocouple T
thermocouple - 200...1300 °C with thermocouple N
thermocouple - 200...800 °C with thermocouple E
thermocouple 0...2315 °C with thermocouple C
Ni 100/Ni 1000 temperature probe - 60...180 °C
Pt 100 temperature probe - 200...850 °C
Pt 1000 temperature probe - 200...600 °C
Analogue output number
1
Analogue output type
Current: 4...20 mA
Current: 0...20 mA
Voltage: 0...10 V
Voltage: - 10...10 V
Complementary
Analogue input resolution
16 bits
15 bits + sign
Permissible continuous
overload
13 V, analogue input type: voltage
40 mA, analogue input type: current
Input impedance
<= 50 Ohm current
>= 1 MOhm voltage
>= 1 MOhm thermocouple
>= 1 MOhm temperature probe
Analogue output resolution
12 bits
LSB value
0.15 mV 0...10 Vvoltage
0.30 mV - 10...10 Vvoltage
0.30 µA 0...20 mAcurrent
0.244 µA 4...20 mAcurrent
0.1 °Ctemperature probe
0.1 °Cthermocouple
2.44 mV 0...10 V voltage
4.88 mV - 10...10 V voltage
4.88 µA 0...20 mA current
 
Apr 4, 2022
1


Similar Part No. - TM3TM3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3TM3G SCHNEIDER-TM3TM3G Datasheet
158Kb / 9P
Input/output analog module, Modicon TM3, 2 or temperature inputs, 1 output (spring) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3TM3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI2H SCHNEIDER-TM3AI2H Datasheet
197Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AI8 SCHNEIDER-TM3AI8_V01 Datasheet
143Kb / 8P
Analog input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3AM6G SCHNEIDER-TM3AM6G_V01 Datasheet
198Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (spring) 24 VDC
Apr 4, 2022
TM3AM6 SCHNEIDER-TM3AM6_V01 Datasheet
202Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (screw) 24 VDC
Apr 4, 2022
TM3AQ2 SCHNEIDER-TM3AQ2 Datasheet
196Kb / 8P
Analog output module, Modicon TM3, 2 outputs (screw) 24 VDC
Apr 4, 2022
TM3TI4D SCHNEIDER-TM3TI4D Datasheet
132Kb / 8P
Analog input module, Modicon TM3, 4 temperature differential inputs (screw) 24 VDC
Apr 4, 2022
TM3TI4 SCHNEIDER-TM3TI4_V01 Datasheet
157Kb / 9P
Analog input module, Modicon TM3, 4 / temperature inputs (screw) 24 VDC
Apr 4, 2022
TM3TI8T SCHNEIDER-TM3TI8T Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 8 temperature inputs (screw) 24 VDC
Apr 4, 2022
TM3TM3G SCHNEIDER-TM3TM3G Datasheet
158Kb / 9P
Input/output analog module, Modicon TM3, 2 or temperature inputs, 1 output (spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com