Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATTAY Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 17Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 18Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 19Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 20Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 21Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 22Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 23Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 24Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
HOST
MICRO-
CONTROLLER
R=
tr
2Cb
SDA
SCL
40 to 44 segment
drives
4 to 8 backplanes
LCD PANEL
(up to 320
elements)
PCF8545A
A0
VDD
VSS
VSS
aaa-008326
VDD
VLCD
VLCD
Figure 11. Typical system configuration for the I2C-bus
HOST
MICRO-
CONTROLLER
SDI
SCL
40 to 44 segment
drives
4 to 8 backplanes
LCD PANEL
(up to 320
elements)
PCF8545B
VDD
VSS
VSS
aaa-008327
VDD
CE
VLCD
VLCD
Figure 12. Typical system configuration for the SPI-bus
The host microcontroller maintains the two line I2C-bus or a three line SPI-bus
communication channel with the PCF8545. The appropriate biasing voltages for the
multiplexed LCD waveforms are generated internally. The only other connections
required to complete the system are the power supplies (VDD, VSS, VLCD) and the LCD
panel selected for the application.
The minimum recommended values for external capacitors on VDD and VLCD are 100
nF respectively. Decoupling of VLCD helps to reduce display artifacts. The decoupling
capacitors should be placed close to the IC with short connections to the respective
supply pin and VSS.
7.4 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with
the selected LCD drive configuration. The operation of the voltage selector is controlled
by the set-bias-mode command (see Table 15) and the set-MUX-mode command (see
Table 14).
Fractional LCD biasing voltages are obtained from an internal voltage divider. The
biasing configurations that apply to the preferred modes of operation, together with the
biasing characteristics as functions of VLCD and the resulting discrimination ratios (D), are
given in Table 22.
Discrimination is a term which is defined as the ratio of the on and off RMS voltage
across a segment. It can be thought of as a measurement of contrast.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
21 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com