Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATTAY Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 3Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 4Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 5Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 6Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 7Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 8Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 9Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 10Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise
specified.
Pin
Symbol
Type
Description
SDA
input/output I2C-bus serial data
42
SDI
input
SPI-bus data input
Table 3. Pin description of PCF8545ATT and PCF8545BTT...continued
[1]
VLCD must be equal to or greater than VDD.
[2]
Effect of backplane swapping is illustrated in Figure 5.
[3]
Bit BPS is explained in Section 7.1.3.
7 Functional description
The PCF8545 is a versatile peripheral device designed to interface any microcontroller
to a wide variety of LCDs. It can directly drive any multiplexed LCD containing up to eight
backplanes and up to 44 segments.
7.1 Commands of PCF8545
The PCF8545 is controlled by 9 commands, which are defined in Table 4. Any other
combinations of operation code bits that are not mentioned in this document may lead to
undesired operation modes of PCF8545.
Bits
Command name
Register
selection
RS[1:0][1]
7
6
5
4
3
2
1
0
Reference
initialize
0
0
0
0
0
1
0
1
1
0
Section 7.1.1
OTP-refresh
0
0
1
1
1
1
0
0
0
0
Section 7.1.2
mode-settings
0
0
0
1
0
1
BPS
INV
PD
E
Section 7.1.3
oscillator-control
0
0
0
0
0
1
1
EFR
COE
OSC
Section 7.1.4
set-MUX-mode
0
0
0
0
0
0
0
0
M[1:0]
Section 7.1.5
set-bias-mode
0
0
0
0
0
0
0
1
B[1:0]
Section 7.1.6
frame-frequency
0
0
0
0
1
FD[4:0]
Section 7.1.7
load-data-pointer
0
0
1
0
DP[5:0]
Section 7.1.8
write-RAM-data
0
1
D[7:0]
Section 7.1.9
Table 4. Commands of PCF8545
[1]
Information about control byte and register selection see Section 8.1.
7.1.1 Command: initialize
This command generates a chip-wide reset. It has the same function as the RESET pin.
Reset takes 1 ms to complete.
Bit
Symbol
Value
Description
7 to 0
-
0001 0110
fixed value
Table 5. Initialize - initialize command bit description
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
7 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com