Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SAO2H Datasheet(PDF) 7 Page - Schneider Electric

Part # TM5SAO2H
Description  Analog output module, Modicon TM5, 2O, /-10 V/0 to 20mA, 16bits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SAO2H Datasheet(HTML) 7 Page - Schneider Electric

  TM5SAO2H Datasheet HTML 1Page - Schneider Electric TM5SAO2H Datasheet HTML 2Page - Schneider Electric TM5SAO2H Datasheet HTML 3Page - Schneider Electric TM5SAO2H Datasheet HTML 4Page - Schneider Electric TM5SAO2H Datasheet HTML 5Page - Schneider Electric TM5SAO2H Datasheet HTML 6Page - Schneider Electric TM5SAO2H Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Product data sheet
Connections and Schema
TM5SAO2H
Electronic Module 2AO ±10V/0-20mA 16 Bits
Wiring Diagram
(1)
Internal electronics
(2)
24 Vdc I/O power segment integrated into the bus bases
(I)
Current
(U)
Voltage
Apr 6, 2022
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com