Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SAO2H Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SAO2H
Description  Analog output module, Modicon TM5, 2O, /-10 V/0 to 20mA, 16bits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SAO2H Datasheet(HTML) 1 Page - Schneider Electric

  TM5SAO2H Datasheet HTML 1Page - Schneider Electric TM5SAO2H Datasheet HTML 2Page - Schneider Electric TM5SAO2H Datasheet HTML 3Page - Schneider Electric TM5SAO2H Datasheet HTML 4Page - Schneider Electric TM5SAO2H Datasheet HTML 5Page - Schneider Electric TM5SAO2H Datasheet HTML 6Page - Schneider Electric TM5SAO2H Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Analog output module, Modicon
TM5, 2O, +/-10 V/0 to 20mA, 16bits
TM5SAO2H
Main
Range of product
Modicon TM5
Product or component type
Analog output module
Analogue output number
2
Analogue output resolution
15 bits + sign, +/- 10 V
15 bits, 0...20 mA
Complementary
Range compatibility
Modicon LMC058
Modicon M258
Product compatibility
Logic controller
Motion controller
Analogue output type
Current 0...20 mA
Voltage +/- 10 V
Measurement resolution
305.176 µV, +/- 10 V
610.352 nA, 0...20 mA
Colour
White
Response time
<= 1 ms
Minimum output impedance
1 Ohm
Sampling duration
50 ms
Measurement error
< 0.045 % of full scale +/- 10 V at 25 °C
< 0.045 % of full scale 0...20 mA at 25 °C
Temperature coefficient
0.015 %FS/°C, analogue output type: current
0.015 %FS/°C, analogue output type: voltage
Non-linearity
< 0.007 %FS/°C, analogue output type: current
< 0.007 %FS/°C, analogue output type: voltage
Type of cable
Shielded cable
Isolation
No insulation between channels
500 Vrms AC insulation between channel and bus
Supply
Internal
[Us] rated supply voltage
24 V DC -15...20 %
Local signalling
1 LED green for power supply
1 LED red for power supply
2 LEDs yellow for output status
Current consumption
2 mA at 5 V DC bus
50 mA at 24 V DC input/output
 
Apr 6, 2022
1


Similar Part No. - TM5SAO2H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SAO2L SCHNEIDER-TM5SAO2L Datasheet
234Kb / 7P
Analog output module, Modicon TM5, 2O, /-10 V/0 to 20mA, 12bits
Apr 6, 2022
More results

Similar Description - TM5SAO2H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SAI2H SCHNEIDER-TM5SAI2H Datasheet
233Kb / 7P
Analog input module, Modicon TM5, 2I, /-10 V/0 to 20mA, 16bits
Apr 6, 2022
TM5SAI2L SCHNEIDER-TM5SAI2L Datasheet
232Kb / 7P
Analog input module, Modicon TM5, 2I, /-10 V/0 to 20mA/4 to 20mA, 12bits
Apr 5, 2022
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI4H SCHNEIDER-TM5SAI4H Datasheet
253Kb / 7P
Analog input module, Modicon TM5, 4I, /-10 V/0 to 20mA, 16bits
Apr 6, 2022
TM5SAI4L SCHNEIDER-TM5SAI4L Datasheet
244Kb / 7P
Analog input module, Modicon TM5, 4I, /-10 V/0 to 20mA/4 to 20mA, 12bits
Apr 6, 2022
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAO2L SCHNEIDER-TM5SAO2L Datasheet
234Kb / 7P
Analog output module, Modicon TM5, 2O, /-10 V/0 to 20mA, 12bits
Apr 6, 2022
TM5SAO4H SCHNEIDER-TM5SAO4H Datasheet
247Kb / 7P
Analog output module, Modicon TM5, 4O, /-10 V/0 to 20mA, 16bits
Apr 6, 2022
TM5SAO4L SCHNEIDER-TM5SAO4L Datasheet
245Kb / 7P
Analog output module, Modicon TM5, 4O, /-10 V/0 to 20mA, 12bits
Apr 6, 2022
TM5SAI4AFS SCHNEIDER-TM5SAI4AFS Datasheet
126Kb / 3P
Analog input module, Modicon TM5, FS, 2I, 4 to 20mA, 24 bits
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com