Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2R Datasheet(PDF) 7 Page - Schneider Electric

Part # TM5SDO2R
Description  Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2R Datasheet(HTML) 7 Page - Schneider Electric

  TM5SDO2R Datasheet HTML 1Page - Schneider Electric TM5SDO2R Datasheet HTML 2Page - Schneider Electric TM5SDO2R Datasheet HTML 3Page - Schneider Electric TM5SDO2R Datasheet HTML 4Page - Schneider Electric TM5SDO2R Datasheet HTML 5Page - Schneider Electric TM5SDO2R Datasheet HTML 6Page - Schneider Electric TM5SDO2R Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Product data sheet
Connections and Schema
TM5SDO2R
Electronic Module 2DO 30 Vdc/230 Vac 5 A Relay C/O
Wiring Diagram
(1)
Internal electronics
(2)
24 Vdc I/O power segment integrated into the bus bases
(3)
External power supply 100...240 Vac
(4)
Inductive load protection
(5)
2-wire load
(6)
External power supply 24 Vdc
(7)
External fuse type T slow-blow 5 A - 250 V
Apr 6, 2022
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com