Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2R Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SDO2R
Description  Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2R Datasheet(HTML) 1 Page - Schneider Electric

  TM5SDO2R Datasheet HTML 1Page - Schneider Electric TM5SDO2R Datasheet HTML 2Page - Schneider Electric TM5SDO2R Datasheet HTML 3Page - Schneider Electric TM5SDO2R Datasheet HTML 4Page - Schneider Electric TM5SDO2R Datasheet HTML 5Page - Schneider Electric TM5SDO2R Datasheet HTML 6Page - Schneider Electric TM5SDO2R Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Discrete output module, Modicon
TM5, digital 2O, 30 V DC/230 V AC,
5 A, relay, 2 C/O
TM5SDO2R
Main
Range of product
Modicon TM5
Product or component type
Discrete output module
Discrete output number
2
Discrete output type
Relay
Complementary
Range compatibility
PacDrive LMC motion controller
Modicon LMC058
Modicon M258
Product compatibility
Logic controller
PacDrive LMC Pro
Motion controller
PacDrive LMC Pro 2
PacDrive LMC Eco
Output voltage
230 V AC
30 V DC
Output voltage limits
184...276 V AC
24...36 V DC
Discrete output function
2 C/O
Current per channel
5 A
Maximum current per output
common
10 A
Colour
Black
Response time
<= 10 ms from state 0 to state 1 for output
<= 10 ms from state 1 to state 0 for output
Protection type
Reverse polarity protection
Without overload protection
Without short-circuit protection
Isolation
No insulation between channels
500 Vrms AC insulation between channel and bus
Current consumption
90 mA at 5 V DC bus
Maximum power dissipation in
W
2.45 W
Marking
CE
Net weight
0.025 kg
 
Apr 6, 2022
1


Similar Part No. - TM5SDO2R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
TM5SDO2S SCHNEIDER-TM5SDO2S Datasheet
213Kb / 5P
Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
Apr 6, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
More results

Similar Description - TM5SDO2R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2S SCHNEIDER-TM5SDO2S Datasheet
213Kb / 5P
Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
Apr 6, 2022
TM5SDO4R SCHNEIDER-TM5SDO4R Datasheet
242Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 30 V DC/230 V AC, 5 A, relay, 4 C/O
Apr 6, 2022
TM5SDO4TA SCHNEIDER-TM5SDO4TA Datasheet
244Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 24 V DC, 2 A, 3 wires
Apr 6, 2022
TM5SDO6T SCHNEIDER-TM5SDO6T Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 6O, 24 V DC, 0,5 A, 2 wires
Apr 6, 2022
TM5SDO8TA SCHNEIDER-TM5SDO8TA Datasheet
249Kb / 7P
Discrete output module, Modicon TM5, digital 8O, 24 V DC, 2 A, 1 wire
Apr 6, 2022
TM5SDM4DTRFS SCHNEIDER-TM5SDM4DTRFS Datasheet
270Kb / 7P
Safety discrete I/O module, Modicon TM5, digital 2I, 2O, 24V DC, 6 A, relay n/o
Apr 8, 2022
TM5SDM8TBFS SCHNEIDER-TM5SDM8TBFS Datasheet
126Kb / 3P
Safety discrete I/O module, Modicon TM5, digital 6I, 2O, 24V DC
Apr 8, 2022
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com