Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2S Datasheet(PDF) 5 Page - Schneider Electric

Part # TM5SDO2S
Description  Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2S Datasheet(HTML) 5 Page - Schneider Electric

  TM5SDO2S Datasheet HTML 1Page - Schneider Electric TM5SDO2S Datasheet HTML 2Page - Schneider Electric TM5SDO2S Datasheet HTML 3Page - Schneider Electric TM5SDO2S Datasheet HTML 4Page - Schneider Electric TM5SDO2S Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product data sheet
Connections and Schema
TM5SDO2S
Electronic Module 2DO 240 Vac Triac 1 A 3 Wires
Wiring Diagram
1
Internal electronics
2
24 Vdc I/O power segment integrated into the bus bases
3
External power supply 100...240 Vac
4
External fuse type T slow-blow 3.15 A - 250 V
5
Inductive load protection
6
2-wire load
7
3-wire load
Apr 6, 2022
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com