Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SDO2S Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SDO2S
Description  Discrete output module, Modicon TM5, digital 2O, 100 to 240 V AC, 1 A, 3 wires
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SDO2S Datasheet(HTML) 1 Page - Schneider Electric

  TM5SDO2S Datasheet HTML 1Page - Schneider Electric TM5SDO2S Datasheet HTML 2Page - Schneider Electric TM5SDO2S Datasheet HTML 3Page - Schneider Electric TM5SDO2S Datasheet HTML 4Page - Schneider Electric TM5SDO2S Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product data sheet
Specifications
Discrete output module, Modicon
TM5, digital 2O, 100 to 240 V AC, 1
A, 3 wires
TM5SDO2S
Main
Range of product
Modicon TM5
Product or component type
Discrete output module
Discrete output number
2
Discrete output type
Relay
Complementary
Range compatibility
Modicon M258
Modicon LMC058
PacDrive LMC motion controller
Product compatibility
Motion controller
PacDrive LMC Pro 2
PacDrive LMC Eco
PacDrive LMC Pro
Logic controller
Output voltage
100...240 V AC
Current per channel
1 A
Colour
Black
Electrical connection
3 wires
Marking
CE
Environment
Standards
CSA C22.2 No 142
IEC 61131-2
CSA C22.2 No 213
UL 508
Product certifications
CSA
GOST-R
cULus
C-Tick
Ambient air temperature for
operation
-10…55 °C without derating (horizontal installation)
-10…60 °C with derating factor (horizontal installation)
-10…50 °C (vertical installation)
Ambient air temperature for
storage
-40…70 °C
Relative humidity
5…95 % without condensation
IP degree of protection
IP20 conforming to IEC 61131-2
Pollution degree
2 conforming to IEC 60664
Operating altitude
0...2000 m
 
Apr 6, 2022
1


Similar Part No. - TM5SDO2S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
TM5SDO2R SCHNEIDER-TM5SDO2R Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
Apr 6, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
More results

Similar Description - TM5SDO2S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SDI4A SCHNEIDER-TM5SDI4A Datasheet
227Kb / 7P
Discrete input module, Modicon TM5, digital 4I, 100 to 240 V AC, 2 wires
Apr 6, 2022
TM5SDI4D SCHNEIDER-TM5SDI4D Datasheet
239Kb / 7P
Discrete input module, Modicon TM5, digital 4I, 24 V DC sink, 3 wires
Apr 6, 2022
TM5SDI6U SCHNEIDER-TM5SDI6U Datasheet
227Kb / 7P
Discrete input module, Modicon TM5, digital 6I, 100 to 120 V AC, 1 wire
Apr 6, 2022
TM5SDO2R SCHNEIDER-TM5SDO2R Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
Apr 6, 2022
TM5SDO4T SCHNEIDER-TM5SDO4T Datasheet
244Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 24 V DC, 0,5 A, 3 wires
Apr 6, 2022
TM5SDO4TA SCHNEIDER-TM5SDO4TA Datasheet
244Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 24 V DC, 2 A, 3 wires
Apr 6, 2022
TM5SDO6T SCHNEIDER-TM5SDO6T Datasheet
246Kb / 7P
Discrete output module, Modicon TM5, digital 6O, 24 V DC, 0,5 A, 2 wires
Apr 6, 2022
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
TM5SDO2TAFS SCHNEIDER-TM5SDO2TAFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 2 A
Apr 8, 2022
TM5SDO2TFS SCHNEIDER-TM5SDO2TFS Datasheet
265Kb / 7P
Safety dc discrete output module, Modicon TM5, digital 2O, 24V 0,5 A
Apr 8, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com