Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7495ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7495ARMZ
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7495ARMZ Datasheet HTML 12Page - Analog Devices AD7495ARMZ Datasheet HTML 13Page - Analog Devices AD7495ARMZ Datasheet HTML 14Page - Analog Devices AD7495ARMZ Datasheet HTML 15Page - Analog Devices AD7495ARMZ Datasheet HTML 16Page - Analog Devices AD7495ARMZ Datasheet HTML 17Page - Analog Devices AD7495ARMZ Datasheet HTML 18Page - Analog Devices AD7495ARMZ Datasheet HTML 19Page - Analog Devices AD7495ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7475/AD7495
Data Sheet
Rev. D | Page 16 of 24
OPERATING MODES
The AD7475/AD7495 operating mode is selected by controlling
the logic state of the CS signal during a conversion. There are
three possible modes of operation: normal mode, partial power-
down mode, and full power-down mode. The point at which CS
is pulled high after the conversion has been initiated determines
which power-down mode, if any, the device enters. Similarly, if
already in a power-down mode, CS can control whether the
device returns to normal operation or remains in power-down.
These modes of operation are designed to provide flexible
power management options. These options can be chosen to
optimize the power dissipation/throughput rate ratio for
differing application requirements.
NORMAL MODE
This mode is intended for fastest throughput rate performance,
because the user does not have to worry about any power-up
times with the AD7475/AD7495 remaining fully powered all
the time. Figure 19 shows the general diagram of the
AD7475/AD7495 operating in this mode.
The conversion is initiated on the falling edge of CS, as described in
the Serial Interface section. To ensure the device remains fully
powered up at all times, CS must remain low until at least 10 SCLK
falling edges have elapsed after the falling edge of CS. If CS is
brought high any time after the 10th SCLK falling edge, but
before the 16th SCLK falling edge, the device remains powered
up but the conversion is terminated and SDATA goes back into
three-state.
Sixteen serial clock cycles are required to complete the conversion
and access the conversion result. CS may idle high until the next
conversion or may idle low until sometime prior to the next
conversion (effectively idling CS low).
Once a data transfer is complete (SDATA has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed, by bringing CS low again.
PARTIAL POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered down
between each conversion, or a series of conversions may be
performed at a high throughput rate and then the ADC is
powered down for a relatively long duration between these
bursts of several conversions. When the AD7475 is in partial
power-down, all analog circuitry is powered down except for
the bias current generator; and, in the case of the AD7495, all
analog circuitry is powered down except for the on-chip
reference and reference buffer.
To enter partial power-down, interrupt the conversion process
by bringing CS high anywhere after the second falling edge of
SCLK and before the 10th falling edge of SCLK, as shown in
Figure 20. Once CS has been brought high in this window of
SCLKs, the device enters partial power-down, the conversion
that was initiated by the falling edge of CS is terminated, and
SDATA goes back into three-state. If CS is brought high before
the second SCLK falling edge, the device remains in normal mode
and does not power down. This avoids accidental power-down
due to glitches on the CS line.
SCLK
FOUR LEADING ZEROS + CONVERSION RESULT
SDATA
1
16
10
CS
Figure 19. Normal Mode
SCLK
1
16
10
2
CS
Figure 20. Entering Partial Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com