Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7495ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7495ARMZ
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7495ARMZ Datasheet HTML 14Page - Analog Devices AD7495ARMZ Datasheet HTML 15Page - Analog Devices AD7495ARMZ Datasheet HTML 16Page - Analog Devices AD7495ARMZ Datasheet HTML 17Page - Analog Devices AD7495ARMZ Datasheet HTML 18Page - Analog Devices AD7495ARMZ Datasheet HTML 19Page - Analog Devices AD7495ARMZ Datasheet HTML 20Page - Analog Devices AD7495ARMZ Datasheet HTML 21Page - Analog Devices AD7495ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7475/AD7495
Data Sheet
Rev. D | Page 18 of 24
Full power-down is entered in a way similar to partial power-
down, except the timing sequence shown in Figure 20 must be
executed twice. The conversion process must be interrupted in a
similar fashion by bringing CS high anywhere after the second
falling edge of SCLK and before the 10th falling edge of SCLK.
The device enters partial power-down at this point. To reach full
power-down, interrupt the next conversion cycle in the same
way, as shown in Figure 22. Once CS has been brought high in
this window of SCLKs, then the device powers down completely.
Note that it is not necessary to complete the 16 SCLKs once CS
has been brought high to enter a power-down mode.
To exit full power-down, and power up the AD7475/AD7495
again, a dummy conversion is performed as when powering up
from partial power-down. On the falling edge of CS, the device
begins to power up and continues to power up as long as CS is
held low until after the falling edge of the 10th SCLK. The power-up
time is longer than one dummy conversion cycle however, and
this time, tPOWER-UP, must elapse before a conversion can be initiated,
as shown in Figure 23. See the Timing Specifications section for
more information.
When power supplies are first applied to the AD7475/AD7495,
the ADC may power up in either of the power-down modes or
normal mode. Because of this, it is best to allow a dummy cycle
to elapse to ensure the device is fully powered up before attempting
a valid conversion. Likewise, if the intent is to keep the device in
partial power-down mode immediately after the supplies are
applied, then two dummy cycles must be initiated.
The first dummy cycle must hold CS low until after the 10
th SCLK
falling edge, as shown in Figure 19. In the second cycle, bring
CS high before the 10
th SCLK edge, but after the second SCLK
falling edge, as shown in Figure 20. Alternatively, if the intent is to
place the device in full power-down mode when the supplies
have been applied, then three dummy cycles must be initiated.
The first dummy cycle must hold CS low until after the 10
th SCLK
edge, as shown in Figure 19; the second and third dummy cycle
place the device in full power-down, as shown in Figure 22. (See
the Operating Modes section.) Once supplies are applied to the
AD7475, allow enough time for the external reference to power
up and charge the reference capacitor to its final value. For the
AD7495, allow enough time for the internal reference buffer to
charge the reference capacitor. Then, to place the AD7475/AD7495
in normal mode, initiate a dummy cycle, 1 μs. If the first valid
conversion is performed directly after the dummy conversion,
allow adequate acquisition time. As mentioned earlier, when
powering up from the power-down mode, the device returns to
track upon the first SCLK edge applied after the falling edge of
CS. However, when the ADC powers up initially after supplies
are applied, the track-and-hold is already in track. This means
(assuming one has the facility to monitor the ADC supply current)
if the ADC powers up in the desired mode of operation, and a
dummy cycle is not required to change mode, then neither is a
dummy cycle required to place the track-and-hold into track. If
no current monitoring facility is available, perform the relevant
dummy cycle or cycles to ensure the device is in the required mode.
SCLK
SDATA
INVALID DATA
VALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
THE PART IS FULLY
POWERED UP
16
tPOWER-UP
CS
Figure 23. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com