Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5CSLC200FS Datasheet(PDF) 2 Page - Schneider Electric

Part # TM5CSLC200FS
Description  Controller system, Modicon TM5, Safe logic CPU plus, SERCOS 3 interface, 80 nodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5CSLC200FS Datasheet(HTML) 2 Page - Schneider Electric

  TM5CSLC200FS Datasheet HTML 1Page - Schneider Electric TM5CSLC200FS Datasheet HTML 2Page - Schneider Electric TM5CSLC200FS Datasheet HTML 3Page - Schneider Electric TM5CSLC200FS Datasheet HTML 4Page - Schneider Electric TM5CSLC200FS Datasheet HTML 5Page - Schneider Electric TM5CSLC200FS Datasheet HTML 6Page - Schneider Electric TM5CSLC200FS Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Width
87.5 mm
Height
99 mm
Depth
75 mm
Net weight
0.29 kg
Environment
Ambient air temperature for
operation
0…45 °C (vertical installation)
0…55 °C (horizontal installation)
Ambient air temperature for
storage
-25…70 °C
Relative humidity
5…95 % without condensation
IP degree of protection
IP20
Operating altitude
0...2000 m
Standards
IEC 62061
EN 13849-1
IEC 61508
IEC 61131-2
IEC 61511
Product certifications
cULus
GOST-R
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
516.0 g
Package 1 Height
13.1 cm
Package 1 width
15.7 cm
Package 1 Length
31.2 cm
Unit Type of Package 2
S04
Number of Units in Package 2
7
Package 2 Weight
4.386 kg
Package 2 Height
30 cm
Package 2 width
40 cm
Package 2 Length
60 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
2
Apr 8, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com